Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA2631KW Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA2631KW
Description  DSI Inertial Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2631KW Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA2631KW Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA2631KW Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2631KW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2631KW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2631KW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2631KW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2631KW Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA2631KW Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA2631KW Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Sensors
Freescale Semiconductor, Inc.
7
MMA26xxKW
2.4
Electrical Characteristics - DSI
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified
2.5
Electrical Characteristics - Signal Chain
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified.
#
Characteristic
Symbol
Min
Typ
Max
Units
38
BUSOUT Bus Switch Resistance
0V
≤ VBUSIN ≤ 30 V, ISW = 160mA
*RSW
4.0
8.0
Ω
(1)
39
HCAP Rectifier Leakage Current
VBUSIN = 0 V, VHCAP = 9.0V
*
IRLKG
⎯⎯
100
μA(1)
40
41
BUSIN to HCAP Rectifier Voltage Drop (VBUSIN = 7V)
IHCAP = -15 mA
IHCAP = -100 mA
*
*
VRECT
VRECT
0.75
0.9
1.0
1.2
V
V
(1)
(1)
42
43
BUSIN Bias Current
VBUSIN = 8.0V, VHCAP = 9.0V
VBUSIN = 4.5V, VHCAP = 24V, No Response Current
*IBUSIN_BIAS
IBUSIN_BIAS
-100
-100
100
100
μA
μA
(1)
(1)
44
45
BUSOUT Bias Current
VBUSOUT = 8.0V, VHCAP = 9.0V
VBUSOUT = 4.5V, VHCAP = 24V, No Response Current
*IBUSOUT_BIAS
IBUSOUT_BIAS
-100
-100
100
100
μA
μA
(1)
(1)
46 BUSOUT Discharge Resistance
RBUSOUT_Discharge
3500
8000
Ω
(3)
47
BUSIN Response Current
VBUSIN = 4.0V
*
IRESP
9.9
11
12.1
mA
(1)
48
49
BUSIN to BUSOUT Leakage Current (BUS SWITCH open)
VBUSIN = 24.0V, VBUSOUT = 0V
VBUSIN = 0V, VBUSOUT = 16V
*ISW_Leak
IRSW_Leak
-20
-20
20
20
μA
μA
(1)
(1)
50
51
BUSIN Logic Thresholds
Signal Threshold
Frame Threshold
*
*
VTHS
VTHF
2.8
5.5
3.0
6.0
3.2
6.5
V
V
(1)
(1)
52
53
BUSIN Logic Hysteresis
Signal
Frame
*
*
VHYSS
VHYSF
30
100
90
300
mV
mV
(3)
(3)
#
Characteristic
Symbol
Min
Typ
Max
Units
54
55
56
57
58
59
60
61
Sensitivity (10-bit @ 100Hz referenced to 0Hz)
25g Range
50g Range
62.5g Range
125g Range
187g Range
312g Range
Total Sensitivity Error (including non-linearity)
TA = 25°C
TL ≤ TA ≤ TH
*
*
*
*
*
*
*
*
SENS
SENS
SENS
SENS
SENS
SENS
ΔSENS_25
ΔSENS
-5
-7
20.48
10.24
8.192
4.096
2.731
1.638
+5
+7
LSB/g
LSB/g
LSB/g
LSB/g
LSB/g
LSB/g
%
%
(1,14)
(1,14)
(1,14)
(1,14)
(1,14)
(1,14)
(1)
(1)
62
Digital Offset
10-bit output
*
OFF10Bit
460
512
564
LSB
(1)
63
64
Range of Output (10-Bit Mode)
Acceleration
Internal Error
RANGEACC
RANGEERR
1
0
1023
LSB
LSB
(3)
(3)
65
66
Cross-Axis Sensitivity
Z-axis to X-axis
Y-axis to X-axis
VZX
VYX
-5
-5
+5
+5
%
%
(3)
(3)
67 ADC Output Noise Peak (1 Hz - 1 kHz, 10-Bit)
nSD
-4
+4
LSB
(3)
68 System Output Noise (10-Bit, RMS, All Ranges)
nRMS
⎯⎯
+1.2
LSB
(3)
69
70
Non-linearity (all ranges)
10-bit output, Range
< 50g
10-bit output, 50g
≤ Range ≤ 312.5g
NLOUT_sub50g
NLOUT_sub250g
-2
-2
+2
+2
%
%
(3)
(3)


Similar Part No. - MMA2631KW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA2631KW NXP-MMA2631KW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA2631KWR2 NXP-MMA2631KWR2 Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
More results

Similar Description - MMA2631KW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com