Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP3402 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP3402
Description  Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP3402 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP3402 Datasheet HTML 1Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Preliminary
EUP3402
DS3402
Ver0.1
Sep. 2011
1
Dual 1A, 2.25MHz Synchronous
Step-Down DC/DC Regulator
DESCRIPTION
The EUP3402 is synchronous dual step-down DC-DC
converters optimized for battery powered portable
applications. It provides two independent output voltage
rails powered by 1-cell Li-Ion or 3-cell NiMH/NiCD
batteries. The device is also suitable to operate from a
standard 3.3V or 5V voltage rail.
With an input voltage range of 2.7V to 5.5V the
EUP3402 is ideal to power portable applications like
smart phones, PDAs and other portable equipment.
The EUP3402 operates at 2.25MHz fixed switching
frequency allowing the use of small inductors and
capacitors to achieve a small solution size. Each output
supports up to 1A load current, typical .The internal
synchronous switch increases efficiency and eliminates
the need for an external schottky diode.
The EUP3402 has a user selectable mode of forced PWM
and PFM/PWM mode. The forced PWM mode operation
provides the lowest ripple noise and the PFM mode
operation provides high efficiency at light loads.
The EUP3402 has internal soft start and avoids inrush
current during startup. When shutdown, internal resistor
discharges the output capacitor.
Typical Application Circuit
FEATURES
High Efficiency Up to 95%
2.25MHz Constant Switching Frequency
Dual 1A Available Load Current
45µA Typical Quiescent Current
2.7V to 5.5V Input Voltage Range
2 Channel 180 Degree Out of Phase Operation
Adjustable Output Voltage as Low as 0.6V
No Schottky Diode Required
Short Circuit and Thermal Protection
Power Good Output
Internal Soft Start Function
Available in 3mm
× 3mm TDFN-10 Package
RoHS Compliant and 100% Lead(Pb)-Free
Halogen-Free
APPLICATIONS
SSD Module
Smart Phones
Tablet PC
Portable Media Players
µ
C/µP, FPGA and DSP Power
Plug-in DC/DC Modules for Routers and
Switchers
Figure1.


Similar Part No. - EUP3402

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3406 EUTECH-EUP3406 Datasheet
730Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Converter
EUP3406VIR1 EUTECH-EUP3406VIR1 Datasheet
730Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Converter
EUP3408 EUTECH-EUP3408 Datasheet
716Kb / 11P
   1.5MHz, 800mA Synchronous Step-Down Converter with Soft Start
EUP3409 EUTECH-EUP3409 Datasheet
765Kb / 10P
   Dual 1.5MHz, 800mA Synchronous Step-Down Converter
EUP3409JIR1 EUTECH-EUP3409JIR1 Datasheet
765Kb / 10P
   Dual 1.5MHz, 800mA Synchronous Step-Down Converter
More results

Similar Description - EUP3402

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3292 EUTECH-EUP3292 Datasheet
658Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
   1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com