Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7961-15BIR1 Datasheet(PDF) 4 Page - Eutech Microelectronics Inc

Part # EUP7961-15BIR1
Description  1A Ultra Low-Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7961-15BIR1 Datasheet(HTML) 4 Page - Eutech Microelectronics Inc

  EUP7961-15BIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7961-15BIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7961-15BIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7961-15BIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7961-15BIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7961-15BIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7961-15BIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7961-15BIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7961-15BIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
EUP7961
DS7961 Ver 1.4 Jan. 2009
4
Ordering Information (continued)
Order Number
Package Type
Marking
Operating Temperature Range
EUP7961-15DIR1
SOP-8
xxxxx
EUP7961
C
-40 °C to +85°C
EUP7961-18DIR1
SOP-8
xxxxx
EUP7961
D
-40 °C to +85°C
EUP7961-25DIR1
SOP-8
xxxxx
EUP7961
B
-40 °C to +85°C
EUP7961-33DIR1
SOP-8
xxxxx
EUP7961
H
-40 °C to +85°C
EUP7961DIR1
SOP-8
xxxxx
EUP7961
A
-40 °C to +85°C
EUP7961- □ □ □ □ □ □
Lead Free Code
1: Lead Free 0: Lead
Packing
R: Tape & Reel
Operating temperature range
I: Industry Standard
Package Type:
B: SOT223
C: SOT89
D: SOP
Output Voltage


Similar Part No. - EUP7961-15BIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7961-15BIR1 EUTECH-EUP7961-15BIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
More results

Similar Description - EUP7961-15BIR1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com