Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7998 Datasheet(PDF) 2 Page - Eutech Microelectronics Inc

Part # EUP7998
Description  Sink/Source DDR Termination Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7998 Datasheet(HTML) 2 Page - Eutech Microelectronics Inc

  EUP7998 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7998 Datasheet HTML 2Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUP7998
DS7998 Ver1.1 Aug. 2010
2
Typical Application Circuit (continued)
Figure 2. For SOP-8(EP) package
Pin Configurations
Package
Type
Pin Configurations
Package
Type
Pin Configurations
TDFN-10
SOP-8
(EP)
Pin Description
PIN
TDFN-10
SOP-8 (EP)
DESCRIPTION
REFIN
1
1
External Reference Input
VLDOIN
2
2
Power Supply of the LDO. Internally connected to the output source
MOSFET.
VO
3
3
Output of the LDO
PGND
4
9
(Thermal pad)
Power Ground
VOSNS
5
4
Voltage sense input for the LDO. Connect to positive terminal of the
output capacitor.
REFOUT
6
5
Buffered Reference Output. The output of the unity-gain reference input
buffer sources and sinks over 10mA. Bypass REFOUT to GND with a
0.1μF ceramic capacitor.
EN
7
6
Enable Control Input. Active High Input. For DDR VTT application,
connect EN to SLP_S3.
GND
8
7
Ground
PGOOD
9
-
Open-Drain Power-Good Output
VIN
10
8
Power Supply Input. Connect to the system supply voltage. Bypass VIN to
GND with a 1μF or 4.7μF ceramic capacitor.
Note(1):PGND, GND and thermal pad must be connected together outside under thermal pad.


Similar Part No. - EUP7998

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7996 EUTECH-EUP7996 Datasheet
316Kb / 10P
   1.5A DDR Termination Regulator
EUP7996ADIR0 EUTECH-EUP7996ADIR0 Datasheet
316Kb / 10P
   1.5A DDR Termination Regulator
EUP7996ADIR1 EUTECH-EUP7996ADIR1 Datasheet
316Kb / 10P
   1.5A DDR Termination Regulator
EUP7997 EUTECH-EUP7997 Datasheet
382Kb / 1P
   DDR Termination Regulator
More results

Similar Description - EUP7998

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
TPS51200 TI-TPS51200_1 Datasheet
1Mb / 35P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51100 TI-TPS51100_07 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com