Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA2612NKWR2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA2612NKWR2
Description  DSI Inertial Sensor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2612NKWR2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA2612NKWR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA2612NKWR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2612NKWR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2612NKWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2612NKWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2612NKWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2612NKWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA2612NKWR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA2612NKWR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Sensors
Freescale Semiconductor, Inc.
7
MMA26xxNKW
2.5
Electrical Characteristics - Signal Chain
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, ΔT ≤ 25 K/min, unless otherwise specified.
#
Characteristic
Symbol
Min
Typ
Max
Units
48
49
50
51
52
53
54
55
Sensitivity (10-bit @ 100 Hz referenced to 0 Hz)
25g Range
50g Range
62.5g Range
125g Range
187g Range
312g Range
Total Sensitivity Error (including non-linearity)
TA = 25°C
TL ≤ TA ≤ TH
*
*
*
*
*
*
*
*
SENS
SENS
SENS
SENS
SENS
SENS
ΔSENS_25
ΔSENS
-5
-7
20.48
10.24
8.192
4.096
2.731
1.638
+5
+7
LSB/g
LSB/g
LSB/g
LSB/g
LSB/g
LSB/g
%
%
(1,14)
(1,14)
(1,14)
(1,14)
(1,14)
(1,14)
(1)
(1)
56
Digital Offset
10-bit output
*
OFF10Bit
460
512
564
LSB
(1)
57
58
Range of Output (10-Bit Mode)
Acceleration
Internal Error
RANGEACC
RANGEERR
1
0
1023
LSB
LSB
(3)
(3)
59
60
Cross-Axis Sensitivity
Z-axis to X-axis
Y-axis to X-axis
VZX
VYX
-5
-5
+5
+5
%
%
(3)
(3)
61 ADC Output Noise Peak (1 Hz - 1 kHz, 10-Bit)
nSD
-4
+4
LSB
(3)
62 System Output Noise (10-Bit, RMS, All Ranges)
nRMS
⎯⎯
+1.2
LSB
(3)
63
64
Non-linearity (all ranges)
10-bit output, Range
< 50g
10-bit output, 50g
≤ Range ≤ 312.5g
NLOUT_sub50g
NLOUT_sub250g
-2
-2
+2
+2
%
%
(3)
(3)


Similar Part No. - MMA2612NKWR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA2612NKWR2 NXP-MMA2612NKWR2 Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
More results

Similar Description - MMA2612NKWR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA26XX NXP-MMA26XX Datasheet
423Kb / 46P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA16XXNKW FREESCALE-MMA16XXNKW Datasheet
415Kb / 44P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XX NXP-MMA16XX Datasheet
422Kb / 45P
   DSI Inertial Sensor
Rev. 8, 01/2017
logo
Freescale Semiconductor...
MMA26XXKW FREESCALE-MMA26XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
logo
NXP Semiconductors
MMA16XXKW NXP-MMA16XXKW Datasheet
599Kb / 45P
   Xtrinsic MMA16xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXKW NXP-MMA26XXKW Datasheet
659Kb / 46P
   Xtrinsic MMA26xxKW DSI Inertial Sensor
Rev. 5.1, 03/2013
MMA26XXNKW NXP-MMA26XXNKW Datasheet
567Kb / 44P
   Xtrinsic MMA26xxNKW DSI Inertial Sensor
Rev. 5, 09/2012
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
   PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
   PSI5 Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com