Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP7961-33CIR1 Datasheet(PDF) 6 Page - Eutech Microelectronics Inc

Part # EUP7961-33CIR1
Description  1A Ultra Low-Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7961-33CIR1 Datasheet(HTML) 6 Page - Eutech Microelectronics Inc

Back Button EUP7961-33CIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7961-33CIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7961-33CIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7961-33CIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7961-33CIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7961-33CIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7961-33CIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7961-33CIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7961-33CIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
EUP7961
DS7961 Ver 1.4 Jan. 2009
6
Electrical Characteristics (continued)
Specifications in standard type face are for TA= +25°C, and those with boldface type apply over the full operating
temperature range TA= -40°C to +85°C. VIN=VOUT(NOM)+1V, VEN=5V, IL=10mA, CIN=COUT=4.7µF unless
otherwise specified.
EUP7961
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
VIH
Output = High
1.4
VIN
VIL
Enable Threshold
Output = Low
0
0.3
V
TdOFF
Turn-off delay
IL = 1A
20
50
TdON
Turn-on delay
IL = 1A
20
50
µs
IEN
VEN Pin Input Current
VEN=VIN
-1
1
µA
ERROR Flag
VT
Threshold
8
10
12
%
VTH
Threshold Hysteresis
5
%
VEF(Sat)
ERROR Flag Saturation
ISINK=100µA
0.02
0.1
V
Td
Flag Reset Delay
1
µs
IIK
ERROR Flag Pin
Leakage Current
1
nA
Imax
ERROR Flag Pin Sink
Current
VError=0.5V
3.8
mA
AC Parameters
PSRR
Ripple Rejection
VIN=VOUT+1V
COUT=10uF
VOUT=3.3V, f=120Hz
60
dB
en
Output Noise Voltage
BW=10Hz -100kHz
VOUT=2.5V
150
µV(rms)
Over Temperature Protection
TSH(t)
Shutdown Threshold
150
°C
TSH(h)
Thermal Shutdown
Hysteresis
10
°C


Similar Part No. - EUP7961-33CIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7961-33CIR1 EUTECH-EUP7961-33CIR1 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
More results

Similar Description - EUP7961-33CIR1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com