Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6827BKW Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMA6827BKW
Description  Dual-Axis SPI Inertial Sensor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6827BKW Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA6827BKW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6827BKW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6827BKW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6827BKW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6827BKW Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6827BKW Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6827BKW Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA6827BKW Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA6827BKW Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
Sensors
Freescale Semiconductor, Inc.
9
MMA68xx
2.6
Dynamic Electrical Characteristics - Supply and SPI
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, |ΔTA| < 25 K/min unless otherwise specified
1. Parameters tested 100% at final test.
2. Parameters tested 100% at wafer probe.
3. Parameters verified by characterization
4. (*) Indicates a critical characteristic.
5. Verified by qualification testing.
6. Parameters verified by pass/fail testing in production.
7. Functionality guaranteed by modeling, simulation and/or design verification. Circuit integrity assured through IDDQ and scan testing. Timing is deter-
mined by internal system clock frequency.
8. N/A
9. Devices are trimmed at 100 Hz with 1000 Hz low-pass filter option selected. Response is corrected to 0 Hz response.
10.Low-pass filter cutoff frequencies shown are -3dB referenced to 0 Hz response.
11.Power supply ripple at frequencies greater than 900 kHz should be minimized to the greatest extent possible.
12.Time from falling edge of CS to ARM_X, ARM_Y output valid.
13.N/A
14.Thermal resistance between the die junction and the exposed pad; cold plate is attached to the exposed pad.
15.Device characterized at all values of VL and VH. Production test is conducted at all typical voltages (VTYP) unless otherwise noted.
16.Data path Latency is the signal latency from g-cell to SPI output disregarding filter group delays.
17.Filter characteristics are specified independently, and do not include g-cell frequency response.
18.Electrostatic Deflection Test completed during wafer probe.
19.Verified by simulation.
20.Acceleration Data Request timing constraint only applies for proper operation of the Arming Function.
#
Characteristic
Symbol
Min
Typ
Max
Units
131
132
Power-On Recovery Time(VCC = VCCMIN to first SPI access)
Power-On Recovery Time(Internal POR to first SPI access)
tOP
tOP
10
840
ms
μs
(3)
(3, 7)
133
134
Internal Oscillator Frequency
Test Frequency - Divided from Internal Oscillator
*fOSC
fOSCTST
7.6
0.95
8
1
8.4
1.05
MHz
MHz
(7)
(1)
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
Serial Interface Timing (See Figure 6, CMISO ≤ 80pF, RMISO ≥ 10kΩ)
Clock (SCLK) period (10% of VCC to 10% of VCC)
Clock (SCLK) high time (90% of VCC to 90% of VCC)
Clock (SCLK) low time (10% of VCC to 10% of VCC)
Clock (SCLK) rise time (10% of VCC to 90% of VCC)
Clock (SCLK) fall time (90% of VCC to 10% of VCC)
CS asserted to SCLK high (CS = 10% of VCC to SCLK = 10% of VCC)
CS asserted to MISO valid (CS = 10% of VCC to MISO = 10/90% of VCC)
Data setup time (MOSI = 10/90% of VCC to SCLK = 10% of VCC)
MOSI Data hold time (SCLK = 90% of VCC to MOSI = 10/90% of VCC)
MISO Data hold time (SCLK = 90% of VCC to MISO = 10/90% of VCC)
SCLK low to data valid (SCLK = 10% of VCC to MISO = 10/90% of VCC)
SCLK low to CS high (SCLK = 10% of VCC to CS = 90% of VCC)
CS high to MISO disable (CS = 90% of VCC to MISO = Hi Z)
CS high to CS low (CS = 90% of VCC to CS = 90% of VCC)
SCLK low to CS low (SCLK = 10% of VCC to CS = 90% of VCC)
CS high to SCLK high (CS = 90% of VCC to SCLK = 90% of VCC)
*
*
*
*
*
*
*
*
*
*
*
*
*
tSCLK
tSCLKH
tSCLKL
tSCLKR
tSCLKF
tLEAD
tACCESS
tSETUP
tHOLD_IN
tHOLD_OUT
tVALID
tLAG
tDISABLE
tCSN
tCLKCS
tCSCLK
120
40
40
60
20
10
0
60
526
60
60
15
15
40
28
60
40
60
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
(3)
(3)
(3)
(19)
(19)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(19)


Similar Part No. - MMA6827BKW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA6827BKCW NXP-MMA6827BKCW Datasheet
1Mb / 56P
   MMA68xx, Dual-axis SPI Inertial Sensor
Rev. 7, 01/2016
MMA6827BKTW NXP-MMA6827BKTW Datasheet
1Mb / 56P
   MMA68xx, Dual-axis SPI Inertial Sensor
Rev. 7, 01/2016
More results

Similar Description - MMA6827BKW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA65XX FREESCALE-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
logo
NXP Semiconductors
MMA65XX NXP-MMA65XX Datasheet
1Mb / 56P
   Dual-Axis SPI Inertial Sensor
Rev. 3, 03/2012
MMA68XX NXP-MMA68XX Datasheet
1Mb / 56P
   MMA68xx, Dual-axis SPI Inertial Sensor
Rev. 7, 01/2016
logo
Freescale Semiconductor...
MMA685X FREESCALE-MMA685X Datasheet
1Mb / 52P
   Single-Axis SPI Inertial Sensor
logo
NXP Semiconductors
MMA685X NXP-MMA685X Datasheet
1Mb / 52P
   MMA685x, Single-axis, SPI Inertial Sensor
Rev. 7, 01/2016
MMA655X NXP-MMA655X Datasheet
1Mb / 53P
   MMA655x,Single-Axis, SPI Inertial Sensor
Rev. 7.0, 01/2017
logo
Analog Devices
ADIS16365 AD-ADIS16365 Datasheet
448Kb / 20P
   Tri-Axis Inertial Sensor
Rev. PrA
ADIS16355 AD-ADIS16355 Datasheet
385Kb / 28P
   Tri-Axis Inertial Sensor
Rev. PrG
ADIS16354 AD-ADIS16354 Datasheet
571Kb / 28P
   High Precision Tri-Axis Inertial Sensor
REV. 0
logo
STMicroelectronics
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
   MEMS inertial sensor 3-axis ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com