Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMG3011NT1 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMG3011NT1
Description  Heterojunction Bipolar Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3011NT1 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMG3011NT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3011NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MMG3011NT1
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Functional Pin Description
Pin
Number
Pin Function
1
RFin
2
Ground
3
RFout/DC Supply
Table 6. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD 22--A114)
1A
Machine Model (per EIA/JESD 22--A115)
A
Charge Device Model (per JESD 22--C101)
IV
Table 7. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD 22--A113, IPC/JEDEC J--STD--020
1
260
°C
Figure 1. Functional Diagram
3
2
1
2


Similar Part No. - MMG3011NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3011NT1 FREESCALE-MMG3011NT1 Datasheet
305Kb / 15P
   Heterojunction Bipolar Transistor (InGaP HBT)
logo
NXP Semiconductors
MMG3011NT1 NXP-MMG3011NT1 Datasheet
416Kb / 14P
   Heterojunction Bipolar Transistor (InGaP HBT)
Rev. 7, 9/2014
More results

Similar Description - MMG3011NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3015NT1 FREESCALE-MMG3015NT1_12 Datasheet
316Kb / 15P
   Heterojunction Bipolar Transistor
MMG3012NT1 FREESCALE-MMG3012NT1_12 Datasheet
499Kb / 15P
   Heterojunction Bipolar Transistor
MMZ09312B FREESCALE-MMZ09312B_12 Datasheet
1Mb / 20P
   Heterojunction Bipolar Transistor
MMG3013NT1 FREESCALE-MMG3013NT1_12 Datasheet
349Kb / 15P
   Heterojunction Bipolar Transistor
MMZ25332B FREESCALE-MMZ25332B Datasheet
543Kb / 10P
   Heterojunction Bipolar Transistor
MMG3001NT1 FREESCALE-MMG3001NT1_12 Datasheet
461Kb / 15P
   Heterojunction Bipolar Transistor
MMG3002NT1 FREESCALE-MMG3002NT1_12 Datasheet
559Kb / 16P
   Heterojunction Bipolar Transistor
MMG3007NT1 FREESCALE-MMG3007NT1_12 Datasheet
366Kb / 15P
   Heterojunction Bipolar Transistor
MMG3008NT1 FREESCALE-MMG3008NT1_12 Datasheet
350Kb / 15P
   Heterojunction Bipolar Transistor
MMA20312B FREESCALE-MMA20312B_12 Datasheet
787Kb / 15P
   Heterojunction Bipolar Transistor Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com