Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMG3015NT1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMG3015NT1
Description  Heterojunction Bipolar Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3015NT1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMG3015NT1_12 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3015NT1_12 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3015NT1_12 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3015NT1_12 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3015NT1_12 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3015NT1_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG3015NT1_12 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG3015NT1_12 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG3015NT1_12 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
RF Device Data
Freescale Semiconductor, Inc.
MMG3015NT1
50 OHM TYPICAL CHARACTERISTICS
Table 10. Common Emitter S--Parameters (VCC =5 Vdc, TA =25°C, 50 Ohm System)
f
MHz
S11
S21
S12
S22
|S11|
∠φ
|S21|
∠φ
|S12|
∠φ
|S22|
∠φ
200
0.28
174.23
6.17
171.48
0.08
--2.66
0.06
--43.26
250
0.28
172.92
6.16
169.36
0.08
--3.32
0.07
--50.81
300
0.27
171.92
6.15
167.25
0.08
--3.93
0.08
--56.75
350
0.27
170.57
6.14
165.15
0.08
--4.60
0.09
--62.45
400
0.27
169.49
6.12
163.07
0.08
--5.22
0.09
--67.13
450
0.26
168.53
6.11
160.97
0.08
--5.85
0.10
--71.09
500
0.26
167.16
6.10
158.87
0.08
--6.50
0.11
--74.88
550
0.26
165.92
6.08
156.78
0.08
--7.14
0.12
--77.99
600
0.26
164.77
6.06
154.73
0.08
--7.76
0.13
--81.75
650
0.26
163.38
6.05
152.65
0.08
--8.41
0.14
--85.06
700
0.25
162.57
6.03
150.58
0.08
--9.03
0.14
--88.16
750
0.25
161.36
6.01
148.53
0.08
--9.64
0.15
--91.28
800
0.25
160.35
5.99
146.50
0.08
--10.26
0.16
--93.96
850
0.25
159.29
5.97
144.45
0.08
--10.88
0.17
--96.90
900
0.25
158.03
5.95
142.41
0.08
--11.52
0.18
--99.99
950
0.24
157.14
5.93
140.38
0.08
--12.14
0.18
--102.70
1000
0.24
156.02
5.91
138.38
0.08
--12.78
0.19
--105.47
1050
0.24
154.89
5.88
136.37
0.08
--13.38
0.20
--108.27
1150
0.24
153.09
5.83
132.34
0.08
--14.64
0.21
--114.23
1200
0.24
152.30
5.80
130.37
0.08
--15.28
0.22
--117.17
1250
0.24
151.41
5.77
128.39
0.08
--15.94
0.22
--120.26
1300
0.24
150.63
5.75
126.41
0.08
--16.57
0.23
--123.42
1350
0.24
150.09
5.72
124.46
0.08
--17.17
0.24
--126.34
1400
0.24
149.52
5.69
122.50
0.08
--17.81
0.24
--129.61
1450
0.24
149.15
5.67
120.54
0.08
--18.46
0.25
--132.32
1500
0.23
148.71
5.65
118.61
0.08
--19.07
0.26
--134.63
1550
0.23
147.76
5.62
116.65
0.08
--19.73
0.26
--136.77
1600
0.23
146.51
5.60
114.72
0.08
--20.39
0.27
--138.90
1650
0.23
145.11
5.57
112.79
0.08
--21.04
0.28
--141.13
1900
0.23
138.41
5.41
103.23
0.08
--24.38
0.31
--152.46
2150
0.24
132.77
5.23
93.77
0.08
--27.79
0.35
--163.83
2400
0.25
128.41
5.05
84.48
0.08
--31.33
0.38
--175.54
2650
0.26
124.16
4.87
75.21
0.08
--35.09
0.40
172.45
2900
0.28
119.27
4.69
66.04
0.08
--39.03
0.43
161.50
2950
0.28
118.39
4.65
64.24
0.08
--39.86
0.44
159.35
3000
0.28
117.49
4.62
62.43
0.09
--40.65
0.44
157.23
3050
0.28
116.75
4.59
60.59
0.09
--41.48
0.45
154.83
3100
0.29
116.03
4.55
58.77
0.09
--42.33
0.46
152.37
3150
0.29
115.21
4.52
56.97
0.09
--43.16
0.46
150.02
3200
0.29
114.41
4.48
55.15
0.09
--44.01
0.47
147.68
3250
0.29
113.69
4.44
53.36
0.09
--44.83
0.48
145.58
3300
0.29
112.97
4.41
51.59
0.09
--45.67
0.48
143.48
3350
0.29
112.24
4.37
49.84
0.09
--46.48
0.49
141.43
(continued)


Similar Part No. - MMG3015NT1_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3015NT1 FREESCALE-MMG3015NT1 Datasheet
264Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
More results

Similar Description - MMG3015NT1_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3011NT1 FREESCALE-MMG3011NT1_12 Datasheet
362Kb / 15P
   Heterojunction Bipolar Transistor
MMG3012NT1 FREESCALE-MMG3012NT1_12 Datasheet
499Kb / 15P
   Heterojunction Bipolar Transistor
MMZ09312B FREESCALE-MMZ09312B_12 Datasheet
1Mb / 20P
   Heterojunction Bipolar Transistor
MMG3013NT1 FREESCALE-MMG3013NT1_12 Datasheet
349Kb / 15P
   Heterojunction Bipolar Transistor
MMZ25332B FREESCALE-MMZ25332B Datasheet
543Kb / 10P
   Heterojunction Bipolar Transistor
MMG3001NT1 FREESCALE-MMG3001NT1_12 Datasheet
461Kb / 15P
   Heterojunction Bipolar Transistor
MMG3002NT1 FREESCALE-MMG3002NT1_12 Datasheet
559Kb / 16P
   Heterojunction Bipolar Transistor
MMG3007NT1 FREESCALE-MMG3007NT1_12 Datasheet
366Kb / 15P
   Heterojunction Bipolar Transistor
MMG3008NT1 FREESCALE-MMG3008NT1_12 Datasheet
350Kb / 15P
   Heterojunction Bipolar Transistor
MMA20312B FREESCALE-MMA20312B_12 Datasheet
787Kb / 15P
   Heterojunction Bipolar Transistor Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com