Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF7S21170HR3 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF7S21170HR3
Description  RF Power Field Effect Transistors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF7S21170HR3 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF7S21170HR3_12 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF7S21170HR3_12 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF7S21170HR3_12 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF7S21170HR3_12 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF7S21170HR3_12 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF7S21170HR3_12 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF7S21170HR3_12 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF7S21170HR3_12 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF7S21170HR3_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MRF7S21170HR3 MRF7S21170HSR3
Figure 1. MRF7S21170HR3(HSR3) Test Circuit Schematic
Z11
0.060 x 0.760 Microstrip
Z12*
0.129 x 0.083 Microstrip
Z13*
0.436 x 0.083 Microstrip
Z14*
0.490 x 0.083 Microstrip
Z15*
0.275 x 0.083 Microstrip
Z16
0.230 x 0.083 Microstrip
Z17, Z18
0.900 x 0.080 Microstrip
PCB
Taconic TLX8--0300, 0.030, r =2.55
* Variable for tuning
Z1
0.250 x 0.083 Microstrip
Z2*
0.090 x 0.083 Microstrip
Z3*
0.842 x 0.083 Microstrip
Z4*
0.379 x 0.083 Microstrip
Z5*
0.307 x 0.083 Microstrip
Z6
0.156 x 0.787 Microstrip
Z7
1.160 x 0.080 Microstrip
Z8
0.119 x 0.787 Microstrip
Z9
0.077 x 0.880 Microstrip
Z10
0.459 x 1.000 Microstrip
VBIAS
VSUPPLY
RF
OUTPUT
RF
INPUT
DUT
C1
C2
R1
Z1
Z2
Z3
Z4
C3
Z10
Z5
R2
Z7
R3
Z8
Z11 Z12
Z13
Z14
Z15
C5
C6
Z6
Z16
C18
C17
C16
C15
C14
C4
Z9
Z17
C8
C10
C12
C13
Z18
C7
C9
C11
+
Table 5. MRF7S21170HR3(HSR3) Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1
100 pF Chip Capacitor
ATC100B101JT500XT
ATC
C2, C3, C7, C8, C17, C18
6.8 pF Chip Capacitors
ATC100B6R8BT500XT
ATC
C4, C15
0.3 pF Chip Capacitors
ATC100B0R3BT500XT
ATC
C5
0.8 pF Chip Capacitor
ATC100B0R8BT500XT
ATC
C6
0.2 pF Chip Capacitor
ATC100B0R2BT500XT
ATC
C9, C10, C11, C12
10 F Chip Capacitors
C5750X5R1H106MT
TDK
C13
470 F, 63 V Electrolytic Capacitor, Radial
477KXM063M
Illinois Capacitor
C14
0.4 pF Chip Capacitor
ATC100B0R4BT500XT
ATC
C16
0.1 pF Chip Capacitor
ATC100B0R1BT500XT
ATC
R1, R2
10 k, 1/4 W Chip Resistors
CRCW12061002FKEA
Vishay
R3
10 , 1/4 W Chip Resistor
CRCW120610R0FKEA
Vishay


Similar Part No. - MRF7S21170HR3_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_11 Datasheet
802Kb / 17P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - MRF7S21170HR3_12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com