Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF8P18265H Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF8P18265H
Description  RF Power Field Effect Transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8P18265H Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF8P18265H Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8P18265H Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8P18265H Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8P18265H Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8P18265H Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8P18265H Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8P18265H Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF8P18265H Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF8P18265H Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MRF8P18265HR6 MRF8P18265HSR6
7
RF Device Data
Freescale Semiconductor, Inc.
VDD =30 Vdc,IDQA = 800 mA
f
MHz
Max Pout (1)
Zsource
Zload
Watts
dBm
1805
195
52.9
2.38 -- j6.43
1.31 -- j2.51
1840
195
52.9
3.70 -- j7.13
1.21 -- j2.50
1880
190
52.8
4.23 -- j7.74
1.24 -- j2.51
(1) Maximum output power measurement reflects pulsed 1 dB gain compression.
Zsource = Test circuit impedance as measured from gate contact to ground.
Zload = Test circuit impedance as measured from drain contact to ground.
Figure 10. Carrier Side Load Pull Performance — Maximum P1dB Tuning
Z source
Z load
Input
Load Pull
Tuner
Device
Under
Test
Output
Load Pull
Tuner
VDD =30 Vdc,IDQA = 800 mA
f
MHz
Max Eff. (1)
%
Zsource
Zload
1805
69.3
2.38 -- j6.43
3.10 -- j1.22
1840
68.9
3.70 -- j7.13
2.59 -- j1.37
1880
68.3
4.23 -- j7.74
2.47 -- j1.17
(1) Maximum output power measurement reflects pulsed 1 dB gain compression.
Zsource = Test circuit impedance as measured from gate contact to ground.
Zload = Test circuit impedance as measured from drain contact to ground.
Figure 11. Carrier Side Load Pull Performance — Maximum Efficiency Tuning
Z source
Z load
Device
Under
Test
Output
Load Pull
Tuner
Input
Load Pull
Tuner


Similar Part No. - MRF8P18265H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MRF8P20140WGHSR3 NXP-MRF8P20140WGHSR3 Datasheet
522Kb / 17P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 11/2013
MRF8P20140WH NXP-MRF8P20140WH Datasheet
522Kb / 17P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 11/2013
logo
Freescale Semiconductor...
MRF8P20140WHR3 FREESCALE-MRF8P20140WHR3 Datasheet
613Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
MRF8P20140WHR3 NXP-MRF8P20140WHR3 Datasheet
522Kb / 17P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 11/2013
logo
Freescale Semiconductor...
MRF8P20140WHSR3 FREESCALE-MRF8P20140WHSR3 Datasheet
613Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - MRF8P18265H

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com