Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF8S9202GNR3 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF8S9202GNR3
Description  RF Power Field Effect Transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8S9202GNR3 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF8S9202GNR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8S9202GNR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8S9202GNR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8S9202GNR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8S9202GNR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8S9202GNR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8S9202GNR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8S9202GNR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF8S9202GNR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MRF8S9260HR3 MRF8S9260HSR3
TYPICAL CHARACTERISTICS
1
ACPR
Pout, OUTPUT POWER (WATTS) AVG.
Figure 5. Single--Carrier W--CDMA Power Gain, Drain
Efficiency and ACPR versus Output Power
--25
14
20
0
60
50
40
30
20
10
100
300
10
--50
19
18
--20
--30
Figure 6. Broadband Frequency Response
0
24
600
f, FREQUENCY (MHz)
VDD =28 Vdc
Pin =0 dBm
IDQ = 1700 mA
12
8
700
20
800
900
1000
1100
1200
IRL
--18
0
--3
--6
--9
--12
--15
17
16
15
--45
--40
--35
920 MHz
960 MHz
920 MHz
4
16
Gps
940 MHz
960 MHz
VDD =28 Vdc,IDQ = 1700 mA
Single--Carrier W--CDMA, 3.84 MHz
Channel Bandwidth, Input Signal
PAR = 7.5 dB @ 0.01%
Probability on CCDF
960 MHz
940 MHz
920 MHz
940 MHz
D
Gain
W--CDMA TEST SIGNAL
0.0001
100
0
PEAK--TO--AVERAGE (dB)
Figure 7. CCDF W--CDMA IQ Magnitude
Clipping, Single--Carrier Test Signal
10
1
0.1
0.01
0.001
24
6
8
W--CDMA. ACPR Measured in 3.84 MHz
Channel Bandwidth @ 5MHz Offset.
Input Signal PAR = 7.5 dB @ 0.01%
Probability on CCDF
Input Signal
10
--60
--100
10
--20
--30
--40
--50
--70
--80
--90
3.84 MHz
Channel BW
7.2
1.8
5.4
3.6
0
--1.8
--3.6
--5.4
--9
9
f, FREQUENCY (MHz)
Figure 8. Single--Carrier W--CDMA Spectrum
--7.2
--ACPR in 3.84 MHz
Integrated BW
+ACPRin3.84MHz
Integrated BW
--10
0
13
5
7
9


Similar Part No. - MRF8S9202GNR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8S9202N FREESCALE-MRF8S9202N Datasheet
652Kb / 13P
   RF Power Field Effect Transistor N-Channel Enhancement--Mode Lateral MOSFET
More results

Similar Description - MRF8S9202GNR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com