Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF8S18260HR6 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRF8S18260HR6
Description  RF Power Field Effect Transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8S18260HR6 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF8S18260HR6 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MRF8S18260HR6 MRF8S18260HSR6
3
RF Device Data
Freescale Semiconductor, Inc.
Table 4. Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Typical Performances (In Freescale Test Fixture, 50 ohm system) VDD =30 Vdc, IDQ = 1600 mA, 1805--1880 MHz Bandwidth
Pout @ 1 dB Compression Point, CW
P1dB
260
W
IMD Symmetry @ 100 W PEP, Pout where IMD Third Order
Intermodulation 30 dBc
(Delta IMD Third Order Intermodulation between Upper and Lower
Sidebands > 2 dB)
IMDsym
21
MHz
VBW Resonance Point
(IMD Third Order Intermodulation Inflection Point)
VBWres
64
MHz
Gain Flatness in 75 MHz Bandwidth @ Pout =74 W Avg.
GF
0.4
dB
Gain Variation over Temperature
(--30°Cto+85°C)
∆G
0.011
dB/°C
Output Power Variation over Temperature
(--30°Cto+85°C) (1)
∆P1dB
0.01
dB/°C
1. Exceeds recommended operating conditions. See CW operation data in Maximum Ratings table.


Similar Part No. - MRF8S18260HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8S18210WGHSR3 FREESCALE-MRF8S18210WGHSR3 Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF8S18210WHSR3 FREESCALE-MRF8S18210WHSR3 Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
More results

Similar Description - MRF8S18260HR6

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com