Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF8S18260HR6 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF8S18260HR6
Description  RF Power Field Effect Transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8S18260HR6 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF8S18260HR6 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8S18260HR6 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MRF8S18260HR6 MRF8S18260HSR6
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2
Machine Model (per EIA/JESD22--A115)
A
Charge Device Model (per JESD22--C101)
IV
Table 4. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (1)
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
1
μAdc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
1
μAdc
On Characteristics (1)
Gate Threshold Voltage
(VDS =10 Vdc, ID = 400 μAdc)
VGS(th)
1.1
1.9
2.6
Vdc
Gate Quiescent Voltage
(VDS =30 Vdc, ID = 1600 mA)
VGS(Q)
2.6
Vdc
Fixture Gate Quiescent Voltage
(VDD =30 Vdc, ID = 1600 mA, Measured in Functional Test)
VGG(Q)
4.3
5.1
5.8
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =4 Adc)
VDS(on)
0.1
0.15
0.3
Vdc
Functional Tests (1,2) (In Freescale Test Fixture, 50 ohm system) VDD =30 Vdc, IDQ = 1600 mA, Pout = 74 W Avg., f = 1805 MHz,
Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF. ACPR measured in 3.84 MHz
Channel Bandwidth @ ±5MHz Offset.
Power Gain
Gps
16.8
17.9
19.0
dB
Drain Efficiency
ηD
29.0
31.6
%
Output Peak--to--Average Ratio @ 0.01% Probability on CCDF
PAR
5.4
6.0
dB
Adjacent Channel Power Ratio
ACPR
--35.0
--32.0
dBc
Input Return Loss
IRL
--19
--7
dB
Typical Broadband Performance (In Freescale Test Fixture, 50 ohm system) VDD =30 Vdc, IDQ = 1600 mA, Pout = 74 W Avg., Single--Carrier
W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF. ACPR measured in 3.84 MHz Channel Bandwidth
@ ±5MHz Offset.
Frequency
Gps
(dB)
ηD
(%)
Output PAR
(dB)
ACPR
(dBc)
IRL
(dB)
1805 MHz
17.9
31.6
6.0
--35.0
--19
1840 MHz
17.9
31.9
6.0
--36.0
--18
1880 MHz
17.9
32.5
5.9
--36.0
--8
1. Gates (Pins 2, 3) and drains (Pins 6, 7) are connected internally.
2. Part internally matched both on input and output.
(continued)


Similar Part No. - MRF8S18260HR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8S18210WGHSR3 FREESCALE-MRF8S18210WGHSR3 Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF8S18210WHSR3 FREESCALE-MRF8S18210WHSR3 Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
More results

Similar Description - MRF8S18260HR6

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com