Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF8S19260H Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF8S19260H
Description  RF Power Field Effect Transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8S19260H Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF8S19260H Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8S19260H Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8S19260H Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8S19260H Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8S19260H Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8S19260H Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8S19260H Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8S19260H Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8S19260H Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MRF8S19260HR6 MRF8S19260HSR6
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power Field Effect Transistors
N--Channel Enhancement--Mode Lateral MOSFETs
Designed for CDMA and multicarrier base station applications with
frequencies from 1930 to 1990 MHz. Can be used in Class AB and Class C for
all typical cellular base station modulation formats.
• Typical Single--Carrier W--CDMA Performance: VDD =30 Volts,IDQ =
1600 mA, Pout = 74 Watts Avg., IQ Magnitude Clipping, Channel
Bandwidth = 3.84 MHz, Input Signal PAR = 7.5 dB @ 0.01% Probability
on CCDF.
Frequency
Gps
(dB)
ηD
(%)
Output PAR
(dB)
ACPR
(dBc)
1930 MHz
17.6
33.2
5.9
--36.0
1960 MHz
18.0
33.6
5.8
--35.7
1990 MHz
18.2
34.5
5.7
--34.6
• Capable of Handling 10:1 VSWR, @ 32 Vdc, 1960 MHz, 390 Watts CW (1)
Output Power (3 dB Input Overdrive from Rated Pout)
• Typical Pout @ 1 dB Compression Point
≃ 245 Watts CW
Features
• 100% PAR Tested for Guaranteed Output Power Capability
• Characterized with Series Equivalent Large--Signal Impedance Parameters
and Common Source S--Parameters
• Internally Matched for Ease of Use
• Integrated ESD Protection
• Greater Negative Gate--Source Voltage Range for Improved Class C Operation
• Designed for Digital Predistortion Error Correction Systems
• Optimized for Doherty Applications
• In Tape and Reel. R6 Suffix = 150 Units per 56 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +65
Vdc
Gate--Source Voltage
VGS
--6.0, +10
Vdc
Operating Voltage
VDD
32, +0
Vdc
Storage Temperature Range
Tstg
--65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature (2,3)
TJ
225
°C
CW Operation @ TC =25°C
Derate above 25°C
CW
291
1.48
W
W/°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (3,4)
Unit
Thermal Resistance, Junction to Case
Case Temperature 85°C, 74 W CW, 30 Vdc, IDQ = 1600 mA, 1990 MHz
Case Temperature 91°C, 260 W CW(1),30Vdc,IDQ = 1600 mA, 1990 MHz
RθJC
0.30
0.28
°C/W
1. Exceeds recommended operating conditions. See CW operation data in Maximum Ratings table.
2. Continuous use at maximum temperature will affect MTTF.
3. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
4. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Document Number: MRF8S19260H
Rev. 1, 2/2012
Freescale Semiconductor
Technical Data
1930--1990 MHz, 74 W AVG., 30 V
SINGLE W--CDMA
LATERAL N--CHANNEL
RF POWER MOSFETs
MRF8S19260HR6
MRF8S19260HSR6
CASE 375I--04
NI--1230--8
MRF8S19260HR6
CASE 375J--03
NI--1230S--8
MRF8S19260HSR6
(Top View)
RFoutA/VDSA
Figure 1. Pin Connections
RFoutB/VDSB
RFinA/VGSA
RFinB/VGSB
VBWA
N.C.
VBWB
18
45
27
36
N.C.
© Freescale Semiconductor, Inc., 2010, 2012. All rights reserved.


Similar Part No. - MRF8S19260H

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8S18120HR3 FREESCALE-MRF8S18120HR3 Datasheet
288Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF8S18120HR3 FREESCALE-MRF8S18120HR3 Datasheet
415Kb / 14P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF8S18120HR3 FREESCALE-MRF8S18120HR3_10 Datasheet
415Kb / 14P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF8S18120HSR3 FREESCALE-MRF8S18120HSR3 Datasheet
288Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF8S18120HSR3 FREESCALE-MRF8S18120HSR3 Datasheet
415Kb / 14P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - MRF8S19260H

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com