Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF8S21172HR3 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF8S21172HR3
Description  RF Power Field Effect Transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8S21172HR3 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF8S21172HR3_12 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8S21172HR3_12 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8S21172HR3_12 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8S21172HR3_12 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8S21172HR3_12 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8S21172HR3_12 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8S21172HR3_12 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8S21172HR3_12 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8S21172HR3_12 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MRF8S21172HR3 MRF8S21172HSR3
Figure 1. MRF8S21172HR3(HSR3) Test Circuit Component Layout
MRF8S21172
Rev. 0
R1
C9
C8
C4 C5
C31
R3
C1
C30
C29
C3
R4
C32
C28
C3
C2
C6
C7
C14 C15
C17
C23
C25
C22
C26
C27
C19
C18
C13
C12
C21
C20
C24
C10 C11
C16
R2
Table 5. MRF8S21172HR3(HSR3) Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C5, C7, C11, C15, C16,
C17, C26, C27
68 pF Chip Capacitors
ATC800B680JT500XT
ATC
C2
1.3 pF Chip Capacitor
ATC800B1R3BT500XT
ATC
C3
1.5 pF Chip Capacitor
ATC800B1R5BT500XT
ATC
C4, C6, C10, C12, C13, C14
0.8 pF Chip Capacitors
ATC800B0R8BT500XT
ATC
C8, C9, C20, C21, C22, C23
10 μF, 50 V Chip Capacitors
GRM55DR61H106KA88L
Murata
C18, C19
1.1 pF Chip Capacitors
ATC800B1R1BT500XT
ATC
C24, C25
330 μF, 63 V Electrolytic Capacitors
MCRH63V337M13X21--RH
Multicomp
C28, C29
0.9 pF Chip Capacitors
ATC800B0R9BT500XT
ATC
C30
0.6 pF Chip Capacitor
ATC800B0R6BT500XT
ATC
C31, C32
0.5 pF Chip Capacitors
ATC800B0R5BT500XT
ATC
R1, R2
2kΩ, 1/4 W Chip Resistors
CRCW12062K00FKEA
Vishay
R3, R4
2.37 Ω, 1/4 W Chip Resistors
CRCW12062R37FNEA
Vishay
PCB
0.030″, εr =3.55
RF--35A2
Taconic


Similar Part No. - MRF8S21172HR3_12

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8S21172HR3 FREESCALE-MRF8S21172HR3 Datasheet
451Kb / 14P
   MRF8S21172HR3
More results

Similar Description - MRF8S21172HR3_12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com