Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6920X Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TDA6920X
Description  7 x 5 Video Matrix Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA6920X Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TDA6920X Datasheet HTML 1Page - Siemens Semiconductor Group TDA6920X Datasheet HTML 2Page - Siemens Semiconductor Group TDA6920X Datasheet HTML 3Page - Siemens Semiconductor Group TDA6920X Datasheet HTML 4Page - Siemens Semiconductor Group TDA6920X Datasheet HTML 5Page - Siemens Semiconductor Group TDA6920X Datasheet HTML 6Page - Siemens Semiconductor Group TDA6920X Datasheet HTML 7Page - Siemens Semiconductor Group TDA6920X Datasheet HTML 8Page - Siemens Semiconductor Group TDA6920X Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TDA 6920
Semiconductor Group
3
1.5
Pin Definitions and Functions
Pin No.
Symbol
Function
P-DIP-18-5
P-DSO-28-1
1
GND
Signal and power supply ground
2
2
IN1
CVBS input 1
3
GND
Signal and power supply ground
3
4
IN2
CVBS input 2
5
GND
Signal and power supply ground
4
6
IN3
CVBS input 3
7
GND
Signal and power supply ground
5
8
IN4
CVBS input 4
9
GND
Signal and power supply ground
6
10
IN5
CVBS input 5
–11
V
REF
Reference Voltage for external use
7
12
IN6
CVBS input 6
9
13
GND
Power supply groung
8
14
IN7
CVBS input 7
10
15
SCL
I2C-Bus clock
11
16
SDA
I2C-Bus data
12
17
ADDRESS
Address selection
13
18
OUT5
CVBS output 5
19
GND
Signal and power supply ground
14
20
OUT4
CVBS output 4
21
GND
Signal and power supply ground
15
22
OUT3
CVBS output 3
23
GND
Signal and power supply ground
16
24
OUT2
CVBS output 2
25
GND
Signal and power supply ground
17
26
OUT1
CVBS output 1
18
27
V
CC
Positive power supply voltage
1
28
C
Separate color adding input for input 1


Similar Part No. - TDA6920X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA6050-5 SIEMENS-TDA6050-5 Datasheet
269Kb / 10P
   Video IF with FPLL, MAC State
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
   Video-Modulator with PLL
logo
NXP Semiconductors
TDA6101 PHILIPS-TDA6101 Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6103 PHILIPS-TDA6103 Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
More results

Similar Description - TDA6920X

ManufacturerPart #DatasheetDescription
logo
Rohm
LM-2035 ROHM-LM-2035_1 Datasheet
69Kb / 4P
   5 x 7 matrix display
LM-2035 ROHM-LM-2035 Datasheet
65Kb / 3P
   5 x 7 matrix displays
logo
NXP Semiconductors
TDA8540 PHILIPS-TDA8540 Datasheet
131Kb / 20P
   4 X 4 video switch matrix
1995 Feb 06
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
   VIDEO SWITCH MATRIX
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
logo
OSRAM GmbH
DLO4135 OSRAM-DLO4135 Datasheet
252Kb / 4P
   5 x 7 Dot Matrix Intelligent Display
logo
Fairchild Semiconductor
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
LUMEX INC.
LDM-2124757NI LUMEX-LDM-2124757NI Datasheet
117Kb / 2P
   5 x 7 DOT MATRIX LED DISPLAY
logo
Lite-On Technology Corp...
LTP-757KR LITEON-LTP-757KR Datasheet
149Kb / 5P
   0.7inch (17.22mm) matrix height 5 x 7 dot matrix display
logo
STMicroelectronics
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
   Audio/Video Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com