Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFE6VP100H Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRFE6VP100H
Description  RF Power LDMOS Transistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRFE6VP100H Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRFE6VP100H Datasheet HTML 2Page - Freescale Semiconductor, Inc MRFE6VP100H Datasheet HTML 3Page - Freescale Semiconductor, Inc MRFE6VP100H Datasheet HTML 4Page - Freescale Semiconductor, Inc MRFE6VP100H Datasheet HTML 5Page - Freescale Semiconductor, Inc MRFE6VP100H Datasheet HTML 6Page - Freescale Semiconductor, Inc MRFE6VP100H Datasheet HTML 7Page - Freescale Semiconductor, Inc MRFE6VP100H Datasheet HTML 8Page - Freescale Semiconductor, Inc MRFE6VP100H Datasheet HTML 9Page - Freescale Semiconductor, Inc MRFE6VP100H Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MRFE6VP100HR5 MRFE6VP100HSR5
TYPICAL CHARACTERISTICS — 512 MHz
Pin, INPUT POWER (dBm)
50
46
42
30
52
48
40
44
54
28
26
24
18
22
20
58
36
34
38
12
16
14
VDD =50 Vdc
IDQ(A+B) = 100 mA
f = 512 MHz
512
117
132
f
(MHz)
P1dB
(W)
P3dB
(W)
0
VGS, GATE--SOURCE VOLTAGE (VOLTS)
Figure 7. CW Output Power versus Gate--Source
Voltage at a Constant Input Power
0
135
120
75
60
45
30
15
1.5
2
2.5
3
4.5
VDD =50 Vdc
f = 512 MHz
Figure 8. CW Output Power versus Input Power
21
28
3
10
80
10
26
24
70
60
50
40
30
Pout, OUTPUT POWER (WATTS) CW
Figure 9. Power Gain and Drain Efficiency
versus CW Output Power
ηD
27
25
23
100
200
25_C
TC =--30_C
85_C
85_C
VDD =50 Vdc
IDQ(A+B) = 100 mA
f = 512 MHz
25_C
--30_C
22
20
105
90
Pin =0.24 W
Pin =0.12 W
0.5
1
3.5
4
56
Gps


Similar Part No. - MRFE6VP100H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MRFE6VP5150GNR1 NXP-MRFE6VP5150GNR1 Datasheet
1Mb / 25P
   RF Power LDMOS Transistors
Rev. 1, 7/2014
MRFE6VP5150N NXP-MRFE6VP5150N Datasheet
1Mb / 25P
   RF Power LDMOS Transistors
Rev. 1, 7/2014
MRFE6VP5150NR1 NXP-MRFE6VP5150NR1 Datasheet
1Mb / 25P
   RF Power LDMOS Transistors
Rev. 1, 7/2014
MRFE6VP5300GNR1 NXP-MRFE6VP5300GNR1 Datasheet
1Mb / 25P
   RF Power LDMOS Transistors
Rev. 1, 6/2014
MRFE6VP5300N NXP-MRFE6VP5300N Datasheet
1Mb / 25P
   RF Power LDMOS Transistors
Rev. 1, 6/2014
More results

Similar Description - MRFE6VP100H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 3/2016
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
   RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
   RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
   RF Power LDMOS Transistors
Rev. 1, 08/2017
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
   RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
   RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 09/2018
A2T18S162W31SR3 NXP-A2T18S162W31SR3 Datasheet
468Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 5/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com