Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFE6VP61K25HSR6 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRFE6VP61K25HSR6
Description  RF Power LDMOS Transistors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRFE6VP61K25HSR6 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRFE6VP61K25HSR6 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MRFE6VP61K25HR6 MRFE6VP61K25HSR6
3
RF Device Data
Freescale Semiconductor, Inc.
Table 4. Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 100 mA, Pout = 1250 W Peak (250 W Avg.),
f = 230 MHz, 100 μsec Pulse Width, 20% Duty Cycle
Power Gain
Gps
23.0
24.0
26.0
dB
Drain Efficiency
ηD
72.5
74.0
%
Input Return Loss
IRL
--14
--10
dB
Table 5. Load Mismatch/Ruggedness (In Freescale Test Fixture, 50 ohm system) IDQ = 100 mA
Frequency
(MHz)
Signal Type
VSWR
Pout
(W)
Test Voltage, VDD
Result
230
Pulse
(100 μsec, 20% Duty Cycle)
>65:1 at all
Phase Angles
1500 Peak
(3 dB Overdrive)
50
No Device Degradation


Similar Part No. - MRFE6VP61K25HSR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP61K25HSR6 FREESCALE-MRFE6VP61K25HSR6 Datasheet
932Kb / 13P
   RF Power Field Effect Transistors High Ruggedness N--Channel Enhancement--Mode
MRFE6VP61K25HSR6 FREESCALE-MRFE6VP61K25HSR6 Datasheet
933Kb / 13P
   RF Power Field Effect Transistors Enhancement--Mode Lateral MOSFETs
More results

Similar Description - MRFE6VP61K25HSR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP100H FREESCALE-MRFE6VP100H Datasheet
1Mb / 20P
   RF Power LDMOS Transistors
logo
NXP Semiconductors
MMRF1305H NXP-MMRF1305H Datasheet
1,019Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 12/2013
MMRF1312H NXP-MMRF1312H Datasheet
428Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 3/2016
MRF8VP13350N NXP-MRF8VP13350N Datasheet
807Kb / 23P
   RF Power LDMOS Transistors
Rev. 2, 02/2017
MRFE6VP61K25N NXP-MRFE6VP61K25N Datasheet
1Mb / 22P
   RF Power LDMOS Transistors
Rev. 2, 4/2015
MRFE8VP8600H NXP-MRFE8VP8600H Datasheet
335Kb / 14P
   RF Power LDMOS Transistors
Rev. 1, 08/2017
AFV09P350-04N NXP-AFV09P350-04N Datasheet
505Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 1/2014
AFV10700H NXP-AFV10700H Datasheet
709Kb / 19P
   RF Power LDMOS Transistors
Rev. 1, 01/2018
MRF101AN NXP-MRF101AN Datasheet
841Kb / 41P
   RF Power LDMOS Transistors
Rev. 1, 05/2019
MRFX600H NXP-MRFX600H Datasheet
634Kb / 20P
   RF Power LDMOS Transistors
Rev. 0, 09/2018
A2T18S162W31SR3 NXP-A2T18S162W31SR3 Datasheet
468Kb / 15P
   RF Power LDMOS Transistors
Rev. 0, 5/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com