Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MW7IC2020NT1 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MW7IC2020NT1
Description  RF LDMOS Wideband Integrated
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW7IC2020NT1 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MW7IC2020NT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MW7IC2020NT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MW7IC2020NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MW7IC2020NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW7IC2020NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW7IC2020NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW7IC2020NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW7IC2020NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW7IC2020NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MW7IC2020NT1
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 2 — Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
1
μAdc
Gate--Source Leakage Current
(VGS =1.5 Vdc, VDS =0 Vdc)
IGSS
1
μAdc
Stage 2 — On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =75 μAdc)
VGS(th)
1.0
2.0
3.0
Vdc
Gate Quiescent Voltage
(VDS =28 Vdc, IDQ2 = 230 mAdc)
VGS(Q)
2.8
Vdc
Fixture Gate Quiescent Voltage
(VDD =28 Vdc, IDQ2 = 230 mAdc, Measured in Functional Test)
VGG(Q)
4.7
5.5
6.2
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =0.75 Adc)
VDS(on)
0.1
0.3
0.8
Vdc
Functional Tests (1) (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ1 =40 mA, IDQ2 = 230 mA, Pout = 2.4 W Avg.,
f = 2140 MHz, Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF. ACPR measured
in 3.84 MHz Channel Bandwidth @ ±5MHz Offset.
Power Gain
Gps
31.0
32.6
36.0
dB
Power Added Efficiency
PAE
16.0
17.0
%
Adjacent Channel Power Ratio
ACPR
--51.4
--47.0
dBc
Input Return Loss
IRL
--12
--10
dB
Typical Broadband Performance (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ1 =40 mA, IDQ2 = 230 mA, Pout =2.4 W
Avg., Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF. ACPR measured in
3.84 MHz Channel Bandwidth @ ±5MHz Offset.
Frequency
Gps
(dB)
PAE
(%)
Output PAR
(dB)
ACPR
(dBc)
IRL
(dB)
2110 MHz
32.6
16.8
7.7
--51.3
--14
2140 MHz
32.6
17.0
7.6
--51.4
--12
2170 MHz
32.4
17.0
7.5
--51.6
--11
Typical Performances (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ1 =40 mA, IDQ2 = 230 mA, 2110--2170 MHz Bandwidth
Characteristic
Symbol
Min
Typ
Max
Unit
Pout @ 1 dB Compression Point, CW
P1dB
20
W
IMD Symmetry @ 9 W PEP, Pout where IMD Third Order
Intermodulation 30 dBc
(Delta IMD Third Order Intermodulation between Upper and Lower
Sidebands > 2 dB)
IMDsym
25
MHz
VBW Resonance Point
(IMD Third Order Intermodulation Inflection Point)
VBWres
90
MHz
Quiescent Current Accuracy over Temperature (2)
Stage 1
with2kΩ Gate Feed Resistors (--30 to 85°C)
Stage 2
∆IQT
0.00
3.70
%
Gain Flatness in 60 MHz Bandwidth @ Pout =2.4 W Avg.
GF
0.2
dB
Gain Variation over Temperature
(--30°Cto+85°C)
∆G
0.045
dB/°C
Output Power Variation over Temperature
(--30°Cto+85°C)
∆P1dB
0.004
dB/°C
1. Part internally input matched.
2. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family and to AN1987, Quiescent
Current Control for the RF Integrated Circuit Device Family. Go to http://www.freescale.com/rf. Select Documentation/Application
Notes -- AN1977 or AN1987.
(continued)


Similar Part No. - MW7IC2020NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW7IC2040GNR1 FREESCALE-MW7IC2040GNR1 Datasheet
927Kb / 29P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW7IC2040GNR1 NXP-MW7IC2040GNR1 Datasheet
1Mb / 29P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 1, 11/2009
MW7IC2040N NXP-MW7IC2040N Datasheet
1Mb / 29P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 1, 11/2009
logo
Freescale Semiconductor...
MW7IC2040NBR1 FREESCALE-MW7IC2040NBR1 Datasheet
927Kb / 29P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW7IC2040NBR1 NXP-MW7IC2040NBR1 Datasheet
1Mb / 29P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 1, 11/2009
More results

Similar Description - MW7IC2020NT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MW4IC001MR4 FREESCALE-MW4IC001MR4_06 Datasheet
662Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com