Selected language     English  ▼


D-200-82 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part No. D-200-82
Description  IN-LINE SPLICE SEALING SYSTEM, 1 TO 1 NICKEL PLATED CRIMP, 200deg.C
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
Tyco Electronics Corporation
300 Constitution Drive,
Menlo Park, CA. 94025, U.S.A.
Raychem
TITLE:
IN-LINE SPLICE SEALING SYSTEM, 1 TO 1
NICKEL PLATED CRIMP, 200deg.C
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
DOCUMENT NO.:
D-200-82/-83/-84
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Tyco Electronics reserves the right to amend
this drawing at any time. Users should
evaluate the suitability of the product for their
application.
PROD. REV.:
SEE TABLE
DOC. ISSUE:
1
DATE:
07-Nov-05
PREPARED BY:
mforonda
DCR NUMBER:
D050442
REPLACES:
---
CAGE CODE :
06090
SCALE:
---
SIZE:
A
SHEET:
1 of 2
© 2005 Tyco Electronics Corporation. All rights reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
* I.D: a- As received; b- After unrestricted recovery thru meltable insert.
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified fluoropolymer.
2. MELTABLE RINGS: Environment resistant modified thermoplastic fluoroelastomer. Color: light blue.
3. CRIMP SPLICER: Base Metal: Copper Alloy 101 or 102 per ASTM B75.
Plating: Nickel per SAE AMS-QQ-N-290.
Color Code: See table.
Crimp Splicer
Product
Name
Prod.
Rev:
I.D.*
a min
b max
øA
øB
C
D
E
max
Color
Code
D-200-82
A
2.16 (0.085)
0.64 (0.025)
1.27 (0.050)
1.14 (0.045)
2.03 (0.080)
1.91 (0.075)
12.95 (0.510)
12.45 (0.490)
6.22 (0.245)
5.72 (0.225)
0.38
(0.015)
Red
D-200-83
A
2.79 (0.110)
0.64 (0.025)
1.75 (0.069)
1.63 (0.064)
2.70 (0.106)
2.57 (0.101)
14.86 (0.585)
14.35 (0.565)
7.11 (0.280)
6.60 (0.260)
0.51
(0.020)
Blue
D-200-84
A
4.32 (0.170)
0.64 (0.025)
2.60 (0.102)
2.46 (0.097)
3.89 (0.153)
3.73 (0.147)
14.86 (0.585)
14.35 (0.565)
7.11 (0.280)
6.60 (0.260)
1.27
(0.050)
Yellow
Product
Name
MIL Spec
Equivalent Size
Wire
Range
Wgt. Lbs/Mpc
max
D-200-82
M81824/1-1
26-20
1.02
D-200-83
M81824/1-2
20-16
1.61
D-200-84
M81824/1-3
16-12
2.72




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl