Selected language     English  ▼


D-300-01 Datasheet(PDF) 6 Page - PANDUIT CORP.

Part No. D-300-01
Description  CAP, SPLICE ENCAPSULATION
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 6 page
background image
SPECIFICATION CONTROL DRAWING
307 Constitution Drive Menlo Park, CA 94025, USA
Wire and
Harnessing
Products
TITLE :
CAP, SPLICE ENCAPSULATION
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-300-01/-03
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Tyco Electronics reserves the right to amend
this drawing at any time. Users should
evaluate the suitability of the product for
their application.
DCR NUMBER:
D010043
REPLACES:
N/A
DRAWN BY:
M. FORONDA
DATE:
15-Feb.-01
PROD. REV.
SEE TABLE
DOC ISSUE:
1
SCALE:
None
SIZE:
A
SHEET:
6 of 7
If this document is printed it becomes uncontrolled. Check for the latest revision.
TABLE 2
REQUIREMENTS FOR FINISHED CAP
Test Group A – Five Caps
Property
Unit
Requirement
Method of Test
Dimensions
Dimension Recovery
Inches
Inches
Sheet 1
Sheet 1
ASTM D 876
Section 4.4.2
Test Group B – Fifteen Specimens
Property
Unit
Requirement
Method of Test
Insulation Resistance
Temperature Cycling
Followed by test for:
Insulation Resistance
Dielectric Withstanding Voltage
Megaohms
Megaohms
Volts
5000 minimum
5000 minimum
1500 (rms)
Section 4.4.3
Section 4.4.5
Section 4.4.3
Section 4.4.4
Test Group C – Fifteen Specimens
Property
Unit
Requirement
Method of Test
Insulation Resistance
Heat Aging
Followed by test for:
Insulation Resistance
Dielectric Withstanding Voltage
Megaohms
Megaohms
Volts
5000 minimum
5000 minimum
1500 (rms)
Section 4.4.3
Section 4.4.3
Section 4.4.4
Test Group D – Fifteen Specimens
Property
Unit
Requirement
Method of Test
Insulation Resistance
Altitude Immersion
Followed by test for:
Insulation Resistance
Dielectric Withstanding Voltage
Megaohms
Megaohms
Volts
5000 minimum
5000 minimum
1500 (rms)
Section 4.4.3
Section 4.4.7
Section 4.4.3
Section 4.4.4
Test Group E– Two Caps
Property
Unit
Requirement
Method of Test
Corrosive Effect
Non-Corrosive
Section 4.4.8
Test Group F – Ten Assemblies
Flammability
Self extinguishing
within 30 seconds
Section 4.4.9




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl