Selected language     English  ▼


D-436-37 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part No. D-436-37
Description  IN-LINE SPLICE SEALING SYSTEM, 1 TO 1 MIL-S-81824/1
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 2 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
305 Constitution Drive
Menlo Park, CA 94025, USA
Raychem
Products
TITLE:
IN-LINE SPLICE SEALING SYSTEM,
1 TO 1 MIL-S-81824/1
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-436-36/-37/-38
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
DATE:
11MAY11
DOC ISSUE:
2
DRAWN BY:
M. FORONDA
REPLACES:
N/A
DCR NUMBER:
D000566
PROD. REV.
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
2 of 2
Print Date: 11-May-11 If this document is printed it becomes uncontrolled. Check for the latest revision.
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene
fluoride.
2. SEALING RINGS: Immersion resistant thermoplastic. Color: one clear, one color coded (see table below).
3. CRIMP SPLICER:
Base Metal: Copper alloy 101 or 102 per ASTM B-75.
Plating: Tin, per MIL-T-10727, Type I
Color code: See table below.
Product
Name
MIL Spec
Equivalent
Wire Range
(AWG)
Color
Code
Wgt. - Lbs/Mpc
max
D-436-36
M81824/-1-1
26 - 20
RED
1.02
D-436-37
M81824/-1-2
20 - 16
BLUE
1.61
D-436-38
M81824/-1-3
16 - 12
YELLOW
2.720
APPLICATION
1. These parts are designed to provide immersion resistant in-line splices of 1 to 1 wires falling within size range listed above,
and having insulations rated for 135
°C.
2. Parts will meet all requirements of MIL-S-81824/1 when installed as outlined below. Assembly is not required for
acceptance testing inspection.
3. Acceptance sampling shall be in accordance with Paragraph 4.6.1 of MIL-S-81824.
4. Packing and packaging shall be in accordance with Sections 5, Level C, of MIL-S-81824.
5. This document takes precedence over documents reference herein.
ASSEMBLY PROCEDURE:
1.
Slide sealing sleeve onto one of the wires to be spliced.
2.
Strip wires 5/16” to 11/32”.
3.
Insert one wire into barrel of crimp splicer and crimp using a Raychem AD-1377 crimp tool. Repeat for other wire.
4.
Center sealing sleeve over the splice.
5.
Apply heat, using an approved heat source, first to one of the inserts and then the other. Heat should be applied until
insert melts and flows axially along the wire.




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl