Selected language     English  ▼


D-436-42 Datasheet(PDF) 4 Page - PANDUIT CORP.

Part No. D-436-42
Description  IN-LINE SPLICE SEALING SYSTEM, MULTI-WIRE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 4 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
305 Constitution Drive
Menlo Park, CA 94025, USA
Raychem
Products
TITLE :
IN-LINE SPLICE SEALING
SYSTEM, MULTI-WIRE
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-436-42/-43
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
DATE:
15-Apr-11
DOC ISSUE:
2
DRAWN BY:
M. FORONDA
REPLACES:
N/A
DCR NUMBER:
D001303
PROD. REV.
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
4 of 4
If this document is printed it becomes uncontrolled. Check for the latest revision.
(5 minutes @ 300C)
Longitudinal Change
±10%
MIL-I-23053, Par. 4.6.5.1
(5 minutes @ 300C)
TEHRMOFIT ASSEMBLY PROCEDURE:
1.0
SCOPE
This document outlines the procedure to be followed to obtain immersion resistant multiple wire butt splices using
Thermofit Multi-Wire In-Line Splice Sealing System D-436-42/-43.
2.0 PROCEDURE
a)
Pass the wires to be attached to one barrel through the separate three wire seal. (Item 3) Pass the wires
to be attached to the other barrel through the sealing sleeve from the three hole insert end.
b)
Strip wires 5/16” to 11/32” and crimp into splicer using one of the approved crimping tools (see
below). Care must be taken that the wires remain untwisted between the splice and the three wire seals or the
sealing sleeve cannot be positioned properly.
c)
Position the separate seal as close as possible to the splicer. Hold this piece in position by squeezing
the wires directly behind it, and slide the sealing sleeve over the assembly so that the separate seal is as far
inside the sleeve as possible.
d)
Apply heat, using the recommended heat source, first to the “separate” seal end, and then the other.
Heat should be applied until insert melts and flows axially along the wires.
3.0
RECOMMENDED TOOLS
a. Crimp Tools
Manufacturer
Model Number
Raychem
AD-1377
Buchanan Electric Products
614080
Daniels manufacturing Company
OT-609
b. Heat Tools
Heater
Reflector
Thermogun #500A
TG-14
Shop Air Heater #CV-4504
991180
Mini-Gun #CV-5300
991319
Heater should be operated to give an air stream temperature of at least 550F.




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl