Selected language     English  ā–¼


D-436-43 Datasheet(PDF) 3 Page - PANDUIT CORP.

Part No. D-436-43
Description  IN-LINE SPLICE SEALING SYSTEM, MULTI-WIRE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 3 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
305 Constitution Drive
Menlo Park, CA 94025, USA
Raychem
Products
TITLE :
IN-LINE SPLICE SEALING
SYSTEM, MULTI-WIRE
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-436-42/-43
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
DATE:
15-Apr-11
DOC ISSUE:
2
DRAWN BY:
M. FORONDA
REPLACES:
N/A
DCR NUMBER:
D001303
PROD. REV.
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
3 of 4
If this document is printed it becomes uncontrolled. Check for the latest revision.
Insulation Resistance
5000 M @500V d-c
MIL-W-81044, Par. 4.7.5.2
Vibration
MIL-STD-202, Method 201
MIL-T-7928, Par. 4.8.6
Insulation Resistance
5000 M @500V d-c
MIL-W-81044, Par. 4.7.5.2
Altitude Immersion
75,000 ft. (1 cycle)
MIL-C-26500, Par. 4.7.21
Insulation Resistance
5000 Megaohms
MIL-W-81044, Par. 4.7.5.2
Voltage Drop**
Wire Equivalent + 2.0
MIL-T-7928, Par. 4.8.1
millivolts (maximum)
Tensile Strength
Table II
MIL-T-7928, Par. 4.8.7
*
Test methods are per MIL-STD-202.
** Test current shall be equal to 3X the rated current fot the smallest gauge wire used.
2.4
Test Group C: Ten Assemblies:
Test Sequence
Requirement
Test Method
Insulation Resistance
5000 M @500V d-c
MIL-W-81044, Par. 4.7.5.2
Salt Spray (Corrosion)***
MIL-T-7928, Par. 4.8.4
Insulation Resistance
5000 M @500V d-c
MIL-W-81044, Par. 4.7.5.2
Altitude Immersion
75,000 ft. (1 cycle)
MIL-C-26500, Par. 4.7.21
Insulation Resistance
5000 M @500V d-c
MIL-W-81044, Par. 4.7.5.2
Voltage Drop**
Wire Equivalent + 2.0
MIL-T-7928, Par. 4.8.1
millivolts (maximum)
Tensile Strength
Table II
MIL-T-7928, Par. 4.8.7
*** Lead ends to be sealed prior to exposure.
2.5
Test Group D: Five Assemblies:
Test
Requirement
Test Method
Flammability
Self Extinguishing
MIL-T-7928, Par. 4.8.10
within 15 seconds
2.6
Test Group E: Three Sleeves:
Test
Requirement
Test Method
Corrosive Effect
Non-Corrosive
MIL-I-23053, Par. 4.6.10.2
2.7
Test Group F: Five Sleeves:
Test
Requirement
Test Method
Insulation Shrinkage
Sheet 1
MIL-I-23053, Par. 4.6.3.2.2




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl