Selected language     English  ā–¼


D-436-53 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part No. D-436-53
Description  IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1 SPLICE: Tin Plated, Color Coded, with Inspection Slots
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 2 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
305 Constitution Drive
Menlo Park, CA 94025, USA
Raychem
Products
TITLE :
IN-LINE SPLICE SEALING SYSTEM,
2 OR 3 TO 1 SPLICE: Tin Plated,
Color Coded, with Inspection Slots
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-436-52/-53
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
DATE:
15-Apr-11
DOC ISSUE:
2
DRAWN BY:
M. FORONDA
REPLACES:
N/A
DCR NUMBER:
D001302
PROD. REV.
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
2 of 2
Print Date: 9-May-11 If this document is printed it becomes uncontrolled. Check for the latest revision.
APPLICATION
1. These parts are designed to provide an immersion resistant in-line splices of 2 or 3 to 1 wires falling within
the size range listed on sheet 1, having insulations rated for at least 135ļ‚°C.
2. Parts are available only as an assembly of one of each Item #1 and Item #2.
3. Parts are to be installed per Thermofit Assembly Procedure, see below.
4. Inside diameter and outside diameter of splice are to be measured in crimp areas, 2.54 to 5.08 (0.100 to 0.200)
from ends of part. Slight burr permitted on parted surfaces.
5. Acceptance sampling shall be in accordance with Paragraph 4.6.1 of MIL-T-7928.
6 . Packing and packaging shall be in accordance with Section 5, Level C, of MIL-T-7928.
7. This document takes precedence over documents referenced herein.
THERMOFIT ASSEMBLY PROCEDURE
1.0
SCOPE
This document outlines the procedure to be followed to obtain immersion resistant 3 or 2 to 1 in-line splices using
Thermofit In-Line Splice Sealing System D-436-52/-53.
2.0
PROCEDURE:
a)
Strip all wires 7.92 (0.312) to 8.74 (0.344).
b)
Attach the single lead to the appropriate size crimp splice using a Raychem AD-1377 Crimp Tool.
c)
Pass the wires to be attached to other barrel through the sealing sleeve from the three-hole insert end.
d)
Insert wires into barrel and crimp. Care must be taken that the wires remain untwisted between the crimp
splice and the three wire seal or the sealing sleeve cannot be positioned properly.
e)
Apply heat, using the recommended heat source, first to the three-hole insert and then the other. Heat should
be applied until insert melts and flows axially along the wires.
3.0
RECOMMENDED RAYCHEM HEATING TOOLS
Heater
Reflector
Thermogun #500A
TG-14
Shop Air Heater #CV-4504
991180
Mini-Gun #CV-5300
991319




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl