Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A101228 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # A101228
Description  IN-LINE SPLICE SEALING SYSTEM, 1 TO 1 MIL-S-81824/1
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

A101228 Datasheet(HTML) 2 Page - PANDUIT CORP.

  A101228 Datasheet HTML 1Page - PANDUIT CORP. A101228 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
305 Constitution Drive
Menlo Park, CA 94025, USA
Raychem
Products
TITLE:
IN-LINE SPLICE SEALING SYSTEM,
1 TO 1 MIL-S-81824/1
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-436-36/-37/-38
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend this
drawing at any time. Users should evaluate the
suitability of the product for their application.
DATE:
11MAY11
DOC ISSUE:
2
DRAWN BY:
M. FORONDA
REPLACES:
N/A
DCR NUMBER:
D000566
PROD. REV.
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
2 of 2
Print Date: 11-May-11 If this document is printed it becomes uncontrolled. Check for the latest revision.
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene
fluoride.
2. SEALING RINGS: Immersion resistant thermoplastic. Color: one clear, one color coded (see table below).
3. CRIMP SPLICER:
Base Metal: Copper alloy 101 or 102 per ASTM B-75.
Plating: Tin, per MIL-T-10727, Type I
Color code: See table below.
Product
Name
MIL Spec
Equivalent
Wire Range
(AWG)
Color
Code
Wgt. - Lbs/Mpc
max
D-436-36
M81824/-1-1
26 - 20
RED
1.02
D-436-37
M81824/-1-2
20 - 16
BLUE
1.61
D-436-38
M81824/-1-3
16 - 12
YELLOW
2.720
APPLICATION
1. These parts are designed to provide immersion resistant in-line splices of 1 to 1 wires falling within size range listed above,
and having insulations rated for 135
°C.
2. Parts will meet all requirements of MIL-S-81824/1 when installed as outlined below. Assembly is not required for
acceptance testing inspection.
3. Acceptance sampling shall be in accordance with Paragraph 4.6.1 of MIL-S-81824.
4. Packing and packaging shall be in accordance with Sections 5, Level C, of MIL-S-81824.
5. This document takes precedence over documents reference herein.
ASSEMBLY PROCEDURE:
1.
Slide sealing sleeve onto one of the wires to be spliced.
2.
Strip wires 5/16” to 11/32”.
3.
Insert one wire into barrel of crimp splicer and crimp using a Raychem AD-1377 crimp tool. Repeat for other wire.
4.
Center sealing sleeve over the splice.
5.
Apply heat, using an approved heat source, first to one of the inserts and then the other. Heat should be applied until
insert melts and flows axially along the wire.


Similar Part No. - A101228

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
A101220 PANDUIT-A101220 Datasheet
107Kb / 1P
   (1 TO 1 SPLICES-CRIMP) SOLDERSHIELD SPLICE KIT, SHIELDED CABLE
logo
List of Unclassifed Man...
A101220006 ETC2-A101220006 Datasheet
72Kb / 3P
   Timers Delay on Operate
A101220060 ETC2-A101220060 Datasheet
72Kb / 3P
   Timers Delay on Operate
A101220600 ETC2-A101220600 Datasheet
72Kb / 3P
   Timers Delay on Operate
logo
PANDUIT CORP.
A101221 PANDUIT-A101221 Datasheet
89Kb / 1P
   SOLDERSLEEVE WIRE SPLICE
More results

Similar Description - A101228

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-436-82 PANDUIT-D-436-82 Datasheet
120Kb / 2P
   (NICKEL PLATED CRIMPS) IN-LINE SPLICE SEALING SYSTEM, 1 TO 1
D-200-82 PANDUIT-D-200-82 Datasheet
50Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 1 TO 1 NICKEL PLATED CRIMP, 200deg.C
D-436-0115 PANDUIT-D-436-0115 Datasheet
104Kb / 1P
   IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1
D-436-0110 PANDUIT-D-436-0110 Datasheet
117Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 2 or 3 to 1 SPLICE: TIN PLATED, COLOR CODED with Inspection Slots
D-436-52 PANDUIT-D-436-52 Datasheet
140Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1 SPLICE: Tin Plated, Color Coded, with Inspection Slots
D-436-42 PANDUIT-D-436-42 Datasheet
159Kb / 4P
   IN-LINE SPLICE SEALING SYSTEM, MULTI-WIRE
D-436-85 PANDUIT-D-436-85 Datasheet
130Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1 SPLICER: Nickel Plated, Color Coded, with Inspection Slots
logo
Hubbell Incorporated.
BISR10 HUBBELL-BISR10 Datasheet
265Kb / 2P
   Aluminum In-Line Splice, 14-1/0 AWG.
logo
Cooper Bussmann, Inc.
HHB COOPER-HHB Datasheet
163Kb / 1P
   1??? x 7??? to 1 1??? In-Line Fuse Holders
logo
PANDUIT CORP.
D-436-58 PANDUIT-D-436-58 Datasheet
42Kb / 1P
   STUB SPLICE SEALING SYSTEM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com