Selected language     English  ▼


D-436-90 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part No. D-436-90
Description  IN-LINE SPLICE SEALING SYSTEM, MULTI-WIRE SPLICER NICKEL PLATED, COLOR CODED, WITH INSPECTION SLOTS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
=
TE Connectivity
300 Constitution Drive,
Menlo Park, CA. 94025, U.S.A.
Raychem
TITLE:
IN-LINE SPLICE SEALING SYSTEM,
MULTI-WIRE SPLICER NICKEL PLATED,
COLOR CODED, WITH INSPECTION SLOTS
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
DOCUMENT NO.:
D-436-88/-90
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend
this drawing at any time. Users should evaluate
the suitability of the product for their
application.
REV.:
B1
DATE:
16-Apr-11
CAGE CODE :
06090
REPLACES:
D060008
DCR NUMBER:
D060019
SCALE:
---
SIZE:
A
SHEET:
1 of 2
Print Date: 9-May-11
© 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
4
2
1
3
Item # 1: S E A L IN G SL E EV E
Item #2 : C R IM P S PL IC E
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked modified polyvinylidene
flouride.
2. INTEGRAL MULTI-WIRE SEAL: Low outgassing immersion resistant thermoplastic.
3. SEPARATE MULTI-WIRE SEAL: Low outgassing immersion resistant thermoplastic.
4. CRIMP SPLICE: Base Metal: Copper Alloy 101 or 102 per ASTM B-75.
Plating: Nickel per SAE AMS-QQ-N-290.
Color Code: See table below.
Dimensions:
Crimp Splice
Part
Name
øB
øC
D
E
Color Code
D-436-88
1.27 [0.050]
1.14 [0.045]
2.03 [0.080]
1.91 [0.075]
12.95 [0.510]
12.45 [0.490]
6.22 [0.245]
5.72 [0.225]
Red
D-436-89
1.75 [0.069]
1.63 [0.064]
2.70 [0.106]
2.57 [0.101]
14.86 [0.585]
14.35 [0.565]
7.11 [0.280]
6.60 [0.260]
Blue
D-436-90
2.60 [0.102]
2.46 [0.097]
3.91 [0.154]
3.73 [0.147]
14.86 [0.585]
14.35 [0.565]
7.11 [0.280]
6.60 [0.260]
Yellow
Installation Data:
Wire Size Range of Crimp Splice (AWG)
Two wires
Three wires
Part
Name
Minimum
Maximum
Minimum
Maximum
D-436-88
26
24
28
24
D-436-89
24
20
24
22
D-436-90
22
16
22
18




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl