Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D-609-11 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # D-609-11
Description  COLOR CODED CRIMP SPLICER, IN-LINE, NICKEL PLATED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

D-609-11 Datasheet(HTML) 1 Page - PANDUIT CORP.

  D-609-11 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
Tyco Electronics Corporation
300 Constitution Drive,
Menlo Park, CA. 94025, U.S.A.
Raychem
TITLE:
COLOR CODED CRIMP SPLICER,
IN-LINE, NICKEL PLATED
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-609-09/-10/-11
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Tyco Electronics reserves the right to amend
this drawing at any time. Users should
evaluate the suitability of the product for their
application.
DATE:
31-Jan.-01
DOC ISSUE:
2
DRAWN BY:
M. FORONDA
CAGE CODE:
06090
REPLACES:
N/A
DCR NUMBER:
D010060
PROD. REV.:
SEE TABLE
SCALE:
None
SIZE:
A
SHEET:
1 of 1
If this document is printed it becomes uncontrolled. Check for the latest revision.
© 2004 Tyco Electronics Corporation. All rights reserved
Prod. Rev
Max
Color
Useable
Product
Name
Nom
Size
A
B
C ±0.25
(C ±0.010)
D ±0.25
(D ±0.010)
E
max
Weight
Lbs./mpc
Code
CMA
D-609-09
B
26 - 20
1.27 (0.050)
1.13 (0.045)
2.03 (0.080)
1.90 (0.075)
12.7
(0.500)
5.97
(0.235)
0.381
(0.015)
0.61
Red
300 - 1510
D-609-10
B
20 - 16
1.75 (0.069)
1.62 (0.064)
2.69 (0.106)
2.56 (0.101)
14.61
(0.575)
6.86
(0.270)
0.51
(0.020)
1.17
Blue
779 - 2680
D-609-11
B
16 -12
2.59 (0.102)
2.46 (0.097)
3.89 (0.153)
3.73 (0.147)
14.61
(0.575)
6.86
(0.270)
1.27
(0.050)
2.30
Yellow
1900 - 6755
MATERIAL
1. CRIMP SPLICER: Base Metal - Copper Alloy 101 or 102 per ASTM B 75.
Plating: Ductile Nickel per QQ-N-290.
Color Code Stripes: per table of dimensions.
APPLICATION
1. Parts shall be of seamless tubular construction.
2. Acceptance sampling shall be in accordance with Paragraph 4 of MIL-S-81824.
3. Packing and packaging shall be in accordance with Section 5, Level C, of MIL-S-81824.


Similar Part No. - D-609-11

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-609-12 PANDUIT-D-609-12 Datasheet
93Kb / 1P
   CRIMP SPLICER, STUB, NICKEL PLATED
D-609-13 PANDUIT-D-609-13 Datasheet
93Kb / 1P
   CRIMP SPLICER, STUB, NICKEL PLATED
D-609-14 PANDUIT-D-609-14 Datasheet
93Kb / 1P
   CRIMP SPLICER, STUB, NICKEL PLATED
More results

Similar Description - D-609-11

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-609-06 PANDUIT-D-609-06 Datasheet
88Kb / 1P
   COLOR CODED CRIMP SPLICER, IN-LINE, TIN PLATED
D-609-12 PANDUIT-D-609-12 Datasheet
93Kb / 1P
   CRIMP SPLICER, STUB, NICKEL PLATED
D-436-88 PANDUIT-D-436-88 Datasheet
128Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, MULTI-WIRE SPLICER NICKEL PLATED, COLOR CODED, WITH INSPECTION SLOTS
D-436-85 PANDUIT-D-436-85 Datasheet
130Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1 SPLICER: Nickel Plated, Color Coded, with Inspection Slots
logo
Hubbell Incorporated.
BISR350FX HUBBELL-BISR350FX Datasheet
263Kb / 2P
   IN-LINE SPLICER/REDUCER.
logo
PANDUIT CORP.
D-200-82 PANDUIT-D-200-82 Datasheet
50Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 1 TO 1 NICKEL PLATED CRIMP, 200deg.C
D-602-0140 PANDUIT-D-602-0140 Datasheet
153Kb / 1P
   CRIMP SPLICER, STUB
D-609-03 PANDUIT-D-609-03 Datasheet
90Kb / 1P
   CRIMP SPLICER, STUB
D-436-0119 PANDUIT-D-436-0119 Datasheet
106Kb / 1P
   STUB SPLICE SEALING SYSTEM, NICKEL PLATED CRIMP
D-436-0110 PANDUIT-D-436-0110 Datasheet
117Kb / 2P
   IN-LINE SPLICE SEALING SYSTEM, 2 or 3 to 1 SPLICE: TIN PLATED, COLOR CODED with Inspection Slots
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com