Selected language     English  ▼


D-1744-02 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part No. D-1744-02
Description  SOLDERSLEEVE WIRE SPLICE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANDUIT [PANDUIT CORP.]
Homepage  http://www.panduit.com
Logo 

   
 1 page
background image
SPECIFICATION CONTROL DRAWING
TE Connectivity
300 Constitution Drive,
Menlo Park, CA. 94025, U.S.A.
Raychem
TITLE:
SOLDERSLEEVE WIRE SPLICE
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
DOCUMENT NO.:
D - 1 7 4 4 - 0 1 / - 0 2 / - 0 3 / - 0 4
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend
this drawing at any time. Users should evaluate
the suitability of the product for their
application.
PROD. REV.:
SEE TABLE
DOC. ISSUE:
6
DATE:
15-Apr-11
PREPARED BY:
mforonda
DCR NUMBER:
D040063
REPLACES:
D030265
CAGE CODE :
06090
SCALE:
---
SIZE:
A
SHEET:
1 of 1
Print Date: 9-May-11
© 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
Product Revision
Product Dimensions
Wire Dimensions
øD
Product
Name
L
max
øA
min
øB
min
max
min
CMA
Range
D-1744-01
B
29.70
(1.170)
1.90
(0.075)
2.40
(0.095)
1.90
(0.075)
0.50
(0.020)
350 to 2000
D-1744-02
C
30.15
(1.187)
2.80
(0.110)
3.15
(0.125)
2.80
(0.110)
0.80
(0.030)
2000 to 4000
D-1744-03
B
29.60
(1.165)
4.60
(0.180)
5.10
(0.200)
4.57
(0.180)
1.30
(0.050)
4000 to 10000
D-1744-04
B
30.00
(1.180)
7.11
(0.280)
7.62
(0.300)
7.11
(0.280)
2.00
(0.080)
10000 to 13000
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked polyvinylidene fluoride.
2. SOLDER PREFORM WITH FLUX AND THERMAL INDICATOR:
SOLDER:
TYPE Sn63 per ANSI/J-STD-006.
FLUX:
TYPE ROL1 per ANSI/J-STD-004.
THERMAL INDICATOR: Violet
3. MELTABLE RINGS: Thermally stabilized thermoplastic. Color: gray.
APPLICATION
1. These parts are designed to provide an environment resistant in-line splice in wires having tin or silver-plated conductors and
insulation rated for at least 125C.
2. Temperature range: -55C to +150C.
3. Install using TE Connectivity/ Raychem-approved convection or infrared tools in accordance with
TE Connectivity/ Raychem installation procedure RPIP-850-00.
4. Assemblies will meet requirements of TE Connectivity
/ Raychem specification RT-1404 and National Aerospace Standard
NAS-1744.
For best results, prepare the wire(s) as shown:




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl