Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4260S Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TLE4260S
Description  5-V Low-Drop Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4260S Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button TLE4260S Datasheet HTML 3Page - Siemens Semiconductor Group TLE4260S Datasheet HTML 4Page - Siemens Semiconductor Group TLE4260S Datasheet HTML 5Page - Siemens Semiconductor Group TLE4260S Datasheet HTML 6Page - Siemens Semiconductor Group TLE4260S Datasheet HTML 7Page - Siemens Semiconductor Group TLE4260S Datasheet HTML 8Page - Siemens Semiconductor Group TLE4260S Datasheet HTML 9Page - Siemens Semiconductor Group TLE4260S Datasheet HTML 10Page - Siemens Semiconductor Group TLE4260S Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TLE 4260
Semiconductor Group
7
1998-11-01
Standby Off/Normal On
Current consumption
I
qSOFF
1.0
1.2
mA
see test diagram
Current consumption
I
qNON
1.7
2.2
mA
see test diagram
Normal Off/Standby On
Current consumption
I
qNOFF
1.55
2.00
mA
see test diagram
Current consumption
I
qSON
850
1050
µA
see test diagram
Switching threshold
I
QNOFF
7.5
10
12.5
mA
see test diagram
Switching hysteresis
I
Q
2.25
3
4
mA
see test diagram
Reset Generator
Switching threshold
V
RT
94
96
97
%
in % of
V
Q;
I
Q >500 mA;VI =6 V
Saturation voltage
V
R
0.25
0.40
V
I
R =3 mA;VI =4.5 V
Reverse current
I
R
––
1
µA
V
R =5 V
Charge current
I
D
710
13
µA–
Switching threshold
V
ST
0.9
1.1
1.3
V
Delay switching threshold
V
DT
2.15
2.50
2.75
V
Delay time
t
D
–25
ms
C
D = 100 nF
Delay time
t
t
–5
µs
C
D = 100 nF
General Data
Turn-Off voltage
V
IOFF
40
43
45
V
I
Q <1 mA
Turn-Off hysteresis
V
I
–3.0
V
Leakage current
I
QS
–500
µA
V
Q = 0V; VI = 45 V
Reverse output current
I
QR
––
1.5
mA
V
Q = 5V; VI = open
1)
See diagram
Characteristics (cont’d)
VI = 13.5 V; Tj =25 °C; (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.


Similar Part No. - TLE4260S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4261 SIEMENS-TLE4261 Datasheet
122Kb / 18P
   5-V Low-Drop Voltage Regulator
TLE4261-2 SIEMENS-TLE4261-2 Datasheet
132Kb / 18P
   5-V Low-Drop Voltage Regulator
TLE4261-2G SIEMENS-TLE4261-2G Datasheet
132Kb / 18P
   5-V Low-Drop Voltage Regulator
TLE4261-2GL SIEMENS-TLE4261-2GL Datasheet
132Kb / 18P
   5-V Low-Drop Voltage Regulator
TLE4261G SIEMENS-TLE4261G Datasheet
122Kb / 18P
   5-V Low-Drop Voltage Regulator
More results

Similar Description - TLE4260S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
   5 V low drop voltage regulator
Rev. 1.0 2023-07-11
logo
IK Semicon Co., Ltd
ILE4260-2 IKSEMICON-ILE4260-2 Datasheet
269Kb / 9P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com