Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4261S Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # TLE4261S
Description  5-V Low-Drop Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4261S Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button TLE4261S Datasheet HTML 6Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 7Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 8Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 9Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 10Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 11Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 12Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 13Page - Siemens Semiconductor Group TLE4261S Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TLE 4261
Semiconductor Group
10
1998-11-01
Delay time
t
D
–10
ms
C
D = 100 nF
Delay time
t
t
–2
µs–
Watchdog
Turn-OFF voltage
V
W
5.2
5.6
6.0
V
Discharge current
I
CD
5.6
7.5
9.4
µA
V
C = 1.5 V
Switching voltage
V
CD
2.95
3.05
3.15
V
Pulse interval
T
W
–35
ms
C
D = 100 nF
General Data
Turn-OFF voltage
V
IOFF
41
43
45
V
I
Q < 1 mA
Turn-OFF hysteresis
V
I
–6.5
–V
Leakage current
I
QS
––
50
µA
V
Q = 0 V; VI = 45 V
Reverse output
current
I
QR
––
1.5
mA
V
Q = 5 V; VI and V2
open
Characteristics (cont’d)
V
I = 13.5 V; Tj = 25 °C; V2 ≥ 6 V; (unless specified otherwise)
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.


Similar Part No. - TLE4261S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4261-2 SIEMENS-TLE4261-2 Datasheet
132Kb / 18P
   5-V Low-Drop Voltage Regulator
TLE4261-2G SIEMENS-TLE4261-2G Datasheet
132Kb / 18P
   5-V Low-Drop Voltage Regulator
TLE4261-2GL SIEMENS-TLE4261-2GL Datasheet
132Kb / 18P
   5-V Low-Drop Voltage Regulator
More results

Similar Description - TLE4261S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
TLE4263-2GS INFINEON-TLE4263-2GS Datasheet
711Kb / 20P
   5 V low drop voltage regulator
Rev. 1.0 2023-07-11
logo
IK Semicon Co., Ltd
ILE4260-2 IKSEMICON-ILE4260-2 Datasheet
269Kb / 9P
   5-V Low-Drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com