Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3585 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2N3585
Description  SI NPN POWER BJT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2N3585 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2N3585 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2N3585

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3585 MOSPEC-2N3585 Datasheet
217Kb / 4P
   POWER TRANSISTORS(35W)
logo
Comset Semiconductor
2N3585 COMSET-2N3585 Datasheet
102Kb / 3P
   NPN SILICON POWER TRANSISTORS.
logo
Boca Semiconductor Corp...
2N3585 BOCA-2N3585 Datasheet
224Kb / 4P
   COMPLEMENTARY MEDIUM-POWER HIGH VOLTAGE POWER TRANSISTORS
logo
Savantic, Inc.
2N3585 SAVANTIC-2N3585 Datasheet
140Kb / 3P
   Silicon NPN Power Transistors
logo
Microsemi Corporation
2N3585 MICROSEMI-2N3585 Datasheet
64Kb / 3P
   5 Amp, 500V, High Voltage NPN Silicon Power Transistors
More results

Similar Description - 2N3585

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N4866 NJSEMI-2N4866 Datasheet
102Kb / 1P
   SI NPN POWER BJT
2N5672 NJSEMI-2N5672 Datasheet
83Kb / 1P
   SI NPN POWER BJT
2N5686 NJSEMI-2N5686 Datasheet
99Kb / 1P
   SI NPN POWER BJT
2N5838 NJSEMI-2N5838 Datasheet
89Kb / 1P
   SI NPN POWER BJT
2N5913 NJSEMI-2N5913 Datasheet
89Kb / 1P
   SI NPN POWER BJT
2N4299 NJSEMI-2N4299 Datasheet
83Kb / 1P
   SI NPN POWER BJT
2N5347 NJSEMI-2N5347 Datasheet
99Kb / 1P
   SI NPN POWER BJT
2N5630 NJSEMI-2N5630 Datasheet
84Kb / 1P
   SI NPN POWER BJT
2N5656 NJSEMI-2N5656 Datasheet
91Kb / 1P
   SI NPN POWER BJT
41013 NJSEMI-41013 Datasheet
84Kb / 1P
   Si NPN POWER BJT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com