Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4268G Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # TLE4268G
Description  5-V Low-Drop Fixed Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4268G Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TLE4268G Datasheet HTML 1Page - Siemens Semiconductor Group TLE4268G Datasheet HTML 2Page - Siemens Semiconductor Group TLE4268G Datasheet HTML 3Page - Siemens Semiconductor Group TLE4268G Datasheet HTML 4Page - Siemens Semiconductor Group TLE4268G Datasheet HTML 5Page - Siemens Semiconductor Group TLE4268G Datasheet HTML 6Page - Siemens Semiconductor Group TLE4268G Datasheet HTML 7Page - Siemens Semiconductor Group TLE4268G Datasheet HTML 8Page - Siemens Semiconductor Group TLE4268G Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TLE 4268
Semiconductor Group
5
1998-11-01
Absolute Maximum Ratings
T
j = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Input
Input voltage
Input current
V
I
I
I
– 30
45
V
Internally limited
Reset Output
Voltage
Current
V
R
I
R
– 0.3
7
V
Internally limited
Reset Delay
Voltage
Current
V
D
I
D
– 0.3
7
V
Internally limited
Watchdog
Watchdog input
V
W
– 0.3
7
V
Reset Input
Reset threshold
V
RE
– 0.3
7
V
Output
Output voltage
Output current
V
Q
I
Q
– 0.3
7
V
Internally limited
Ground
Current
I
M
– 100
50
mA
Temperatures
Junction temperature
Storage temperature
T
j
T
S
– 50
150
150
°C
°C


Similar Part No. - TLE4268G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4268GS INFINEON-TLE4268GS Datasheet
333Kb / 17P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.5, 2007-03-20
More results

Similar Description - TLE4268G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com