Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4270 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # TLE4270
Description  5-V Low-Drop Fixed Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4270 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  TLE4270 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4270 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TLE 4270
Semiconductor Group
2
1998-11-01
Pin Configuration
(top view)
Figure 1
Pin Definitions and Functions
Pin
Symbol
Function
1
I
Input; block to ground directly on the IC with ceramic capacitor
2RO
Reset Output; the open collector output is connected to the 5 V output
via an integrated resistor of 30 k
Ω.
3GND
Ground; internally connected to heatsink.
4D
Reset Delay; connect a capacitor to ground for delay time adjustment.
5Q
5-V Output; block to ground with 22
µF capacitor, ESR < 3 Ω.
AEP01922
Ι
RO
GND
D
Q
15
P-TO263-5-1
(P-TO220-5-8)
AEP01923
Ι
RO
GND
D
Q
5
1
P-TO220-5-11
(P-TO220-5-1)
P-TO220-5-12
(P-TO220-5-2)
AEP02172
RO
GND
D
Q
5
1
Ι
P-TO252-5-1 (D-PAK)
AEP02580
15
RO
Ι
DQ
GND


Similar Part No. - TLE4270

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4270-2 INFINEON-TLE4270-2 Datasheet
252Kb / 17P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.8, 2007-11-0909
TLE4270-2D INFINEON-TLE4270-2D Datasheet
252Kb / 17P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.8, 2007-11-0909
TLE4270-2G INFINEON-TLE4270-2G Datasheet
252Kb / 17P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.8, 2007-11-0909
More results

Similar Description - TLE4270

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com