Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69C232 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM69C232
Description  4K x 64 CAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69C232 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCM69C232 Datasheet HTML 2Page - Motorola, Inc MCM69C232 Datasheet HTML 3Page - Motorola, Inc MCM69C232 Datasheet HTML 4Page - Motorola, Inc MCM69C232 Datasheet HTML 5Page - Motorola, Inc MCM69C232 Datasheet HTML 6Page - Motorola, Inc MCM69C232 Datasheet HTML 7Page - Motorola, Inc MCM69C232 Datasheet HTML 8Page - Motorola, Inc MCM69C232 Datasheet HTML 9Page - Motorola, Inc MCM69C232 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MCM69C232
6
MOTOROLA FAST SRAM
CONTROL PORT AND MATCH PORT TIMINGS
(Voltages Referenced to VSS = 0 V, Max’s are tKHKH Dependent and Listed Values are for tKHKH = 20 ns)
Parameter
Symbol
Min
Max
Unit
MATCH PORT TIMING
Clock Cycle Time
tKHKH
20
250
ns
Clock High Time
tKHKL
8
242
ns
Clock Low Time
tKLKH
8
242
ns
Clock High to LHSM or LL Low
tKHLL
7
ns
Clock High to LHSM or LL High
tKHLH
7
ns
MQ Input Data Setup Time to Clock High
tMQVKH
8
ns
Clock High to Match Data Hold Time
tKHMQX
2
ns
Clock High to MQ Valid
tKHMQV
12
ns
Clock High to MC High
tKHMCH
5
ns
Clock High to MC Low
tKHMCL
5
ns
Clock High to MS Low
tKHMSL
12
ns
Clock High to MS High
tKHMSH
5
ns
Clock High to VPC Low
tKHVPL
12
ns
Clock High to VPC High
tKHVPH
5
ns
G Low to MQ Active
tGLMQX
3.8
ns
G High to MQ High–Z
tGHMQZ
4
ns
LH/SM Low to LH/SM Low
tSMSM
10
cycles
Figure 1. AC Test Loads
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V
Figure 2. Pullup for Open Drain Outputs
MCM69C232 OUTPUT PIN
3.3 V
FANOUT TO LOAD DEVICES
RH
NOTES:
1. For IRQ, DTACK, MS, MC, and VPC, RH = 200 Ω .
2. If multiple MCM69C232s are used, RH should be placed as
close to the load devices as possible.


Similar Part No. - MCM69C232

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69C233WD MOTOROLA-MCM69C233WD Datasheet
302Kb / 16P
   MPC8260 PowerQUICC II-TM to CAM Interfacing - MCM69C233
MCM69C233WP MOTOROLA-MCM69C233WP Datasheet
302Kb / 16P
   MPC8260 PowerQUICC II-TM to CAM Interfacing - MCM69C233
More results

Similar Description - MCM69C232

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69C433 MOTOROLA-MCM69C433 Datasheet
420Kb / 24P
   16K x 64 CAM
MCM69C432 MOTOROLA-MCM69C432 Datasheet
246Kb / 20P
   16K x 64 CAM
logo
List of Unclassifed Man...
MU9C1480A ETC1-MU9C1480A Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
MUSIC Semiconductors
MU9C4320L MUSIC-MU9C4320L Datasheet
447Kb / 32P
   4K x 32 Content Addressable Memory (CAM) with a 32-bit wide data interface
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Agere Systems
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
logo
Cypress Semiconductor
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com