Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM-381127-5-8A Datasheet(PDF) 2 Page - Tyco Electronics

Part # HM-381127-5-8A
Description  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HM-381127-5-8A Datasheet(HTML) 2 Page - Tyco Electronics

  HM-381127-5-8A Datasheet HTML 1Page - Tyco Electronics HM-381127-5-8A Datasheet HTML 2Page - Tyco Electronics HM-381127-5-8A Datasheet HTML 3Page - Tyco Electronics HM-381127-5-8A Datasheet HTML 4Page - Tyco Electronics HM-381127-5-8A Datasheet HTML 5Page - Tyco Electronics HM-381127-5-8A Datasheet HTML 6Page - Tyco Electronics HM-381127-5-8A Datasheet HTML 7Page - Tyco Electronics HM-381127-5-8A Datasheet HTML 8Page - Tyco Electronics HM-381127-5-8A Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Label format - Old format order code cross reference
Thermal Transfer
XX = Insert material code from table below. # = Insert color code from table below right.
Old label format
New product order code
100
TTP400XX-10
101
XX-381064-10-#
102
XX-381191-5-#
103
XX-699254-5-#
104
XX-762508-2.5-#
105
XX-191064-10-#
106
XX-101165-0.85-#
107
XX-254127-10-#
108
XX-064064-25-#
109
XX-165051-25-#
110
XX-254097-10-#
111
XX-318064-10-#
112
XX-508064-10-#
114
XX508127-10-#
115
XX-254254-10-#
116
XX-095095-10-#
117
XX-508318-2.5-#
118
XX-762381-2.5-#
119
XX-101635-2.5-#
121
XX-523841-1.5-#
122
XX-127111-10-#
123
XX-508254-5-#
124
XX-508508-3-#
125
XX-101508-2.5-#
126
XX-101762-1.8-#
127
XX-101101-1.3-#
128
XX-762127-1-#
129
XX-229064-10-#
130
XX-203127-10-#
132
XX-381020-10-#
134
XX-165051-25-#
136
XX-040040-25-#
137
XX-114040-25-#
Old label format
New product order code
138
XX-080080-10-#
139
XX-178095-10-#
201
XX-381064-10-#
205
XX-191064-10-#
214
XX-508127-10-#
230
XX-203127-10-#
901
XX-127032-10-#
902
XX-040033-10-#
903
XX-254045-10-#
904
XX-089047-10-#
905
XX-305047-10-#
906
XX-445064-10-#
907
XX-254064-10-#
908
XX-095080-25-#
909
XX-208086-5-#
911
XX-508095-5-#
912
XX-318097-10-#
913
XX-165102-10-#
914
XX-445102-5-#
916
XX-127127-10-#
917
XX-381127-5-#
918
XX-222159-15-#
919
XX-171171-10-#
920
XX-478175-5-#
921
XX-699191-5-#
922
XX-406254-1.5-#
923
XX-250381-10-#
924
XX-381381-2.5-#
925
XX-610419-2.5-#
926
XX-445445-2-#
927
XX-381635-5-#
928
XX-191762-5-#
Old label format
New product order code
1
X-165051-10-#
3
X-191064-10-#
4
X-203127-10-#
5
X-254095-10-#
6A
X-508095-5-#
7
X-254127-10-#
8
X-381191-10-#
11
X-699254-2.5-#
12
X-920381-2.5-#
13
X-920254-2.5-#
16
X-203365-10-#
17
X-076191-10-#
B2
X-533064-5-#
B4
X-229064-10-#
B6
X-394064-10-#
E
X-203064-10-#
L1
X-080080-10-#
M
X-381064-10-S1-9
L2
X-064064-10-#
L3
X-095095-10-#
R1
X-508254-4-#
R2
X-673254-3-#
R3
X-508318-3-#
R4
X-673349-3-#
R5
X-762508-1-#
R7
X-165101-1-#
V1
X-127111-10-#
Y3
X-215055-10-#
Y5
X-115064-10-#
Y6
X-154064-10-#
Y7
X-293064-10-#
Y8
X-711064-5-#
Y9
X-121064-10-#
Y10
X-102070-10-#
Y12
X-159079-10-#
Y13
X-533114-5-#
Y14
X-572286-2.5-#
Y15
X-699318-2.5-#
Thermal transfer
Dot matrix
X = Insert material code from table below left.
# = Insert color code from table below.
Examples
Old part number
New part number
Thermal transfer
101-T1K-10
T1K-381064-10-9
Dot matrix
3-EW10F
E-191064-10-9
Material codes – thermal transfer labels
CP = Clear polyester
PVF = Polyvinylfluoride (Tedlar
®)
EP
= Paper
T1K = Standard polyimide (Kapton
®) 1 mil
HM = High tack metalized polyester
T1K = Standard polyimide (Kapton
®) 1 mil
HMM
= High tack matte metalized
T2K = High-performance polyimide (Kapton
®) 2 mil
HW = High tack white polyester
T2Y = Modified polyimide
KTT = Tan polyimide (Kapton
®)
TN = Tamper-proof polyethylene
MP = Metalized polyester
TSK = Static-safe polyimide (Kapton
®)
MV = Tamper-evident metalized polyester
WP = White polyester
NC = Nylon cloth
WV = White vinyl
Material codes – dot matrix labels
C
= Vinyl cloth
K
= Tan polyimide (Kapton
®)
E
= White polyester
M
= Metalized polyester
Color codes
0
= Black
8
= Gray
1
= Brown
9
= White
2
= Red
X
= Clear
3
= Orange
1A = Tan
4
= Yellow
2L = Pink
5
= Green
8A = Silver
6
= Blue
7
= Violet
87


Similar Part No. - HM-381127-5-8A

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HM-3-R MSYSTEM-HM-3-R Datasheet
100Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HM-3-R/Q MSYSTEM-HM-3-R/Q Datasheet
100Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
logo
Knowles Electronics
HM-31308-P113 KNOWLES-HM-31308-P113 Datasheet
116Kb / 2P
   MICROPHONE ASSEMBLY
More results

Similar Description - HM-381127-5-8A

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
   REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
ILLUMINANT CO., LTD
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
   Display Format: 96X32
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
   Video Format Converter
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
   Display Format: 128X64
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
   UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com