Selected language     English  ▼


7-1201672-2 Datasheet(PDF) 7 Page - Tyco Electronics

Part No. 7-1201672-2
Description  RFID (Radio Frequency Identification)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 7 page
background image
170
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HPTM Adhesive rail terminal tags for dot matrix printing
Rail-Signal Products
HPTM 1C L - 438
Part numbering system
Hole diameter (inches)
Hole position (L = left, R = right)
Number of holes (circular)
Product family
Tyco Electronics HPTM is a specially formulated heavy gauge
fabric material with a high tack permanent acrylic adhesive,
designed for applications in control panel backboards for rail signal
circuit identification.
The standard 1.0
" hole pitch design meets AAR terminal post
specifications and makes installation fast and convenient.
HPTM adheres to most smooth surfaces including bare and
painted metal, as well as painted plywood used for rail signal
terminal boards. It is resistant to common fluids, lubricants and
solvents.
For reliable print performance and durability, use with Tyco
Electronics’s RI Quick-Dry series ribbon.
Features and benefits
I Specially formulated fabric material with exceptional tear
strength
I Dot matrix printable
I Performance exceeds military specifications
I High-performance acrylic adhesive
Temperature rating
Operating temperature range
–40°C to +80°C
–40°F to +176°F
Minimum application temperature
+10°C
+50°F
Specifications/approvals
Tyco Electronics
TTDS-049
Military
SAE AS81531 4.6.2
MIL-STD-202 method 215J
Industry
AAR Terminal Post
Printer information
Tyco Electronics printer
AM6310 (dot matrix)
Tyco Electronics ribbon
1892BK04 (dot matrix)
1892BK03 (dot matrix –
high performance)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl