Electronic Components Datasheet Search
Selected language     English  â–Ľ


7-1201672-2 Datasheet(PDF) 9 Page - Tyco Electronics

Part No. 7-1201672-2
Description  RFID (Radio Frequency Identification)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 9 page
background image
172
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HPKTM Adhesive-backed polypropylene tags for thermal transfer printing
Rail-Signal Products
HPKTM 1C R - 500
Part numbering system
Hole diameter (inches)
Hole position (L = left, R = right)
Number of holes (circular)
Product family
Tyco Electronics HPKTM is a semi-rigid polypropylene film with a
permanent acrylic adhesive that is designed for application to
control panel backboards for rail signal circuit identification. The
standard 1.0
" hole pitch design meets AAR terminal post
specifications and makes installation fast and convenient. HPKTM
adheres to most smooth surfaces including bare and painted
metal, as well as painted plywood used for rail signal terminal
boards. It is resistant to common fluids, lubricants and solvents.
For reliable print performance and durability, use with Tyco
Electronics’s RHD series ribbon.
Features and benefits
I Self-adhesive backing for quick and easy fixing
I Thermal transfer printable
I Recommended for indoor use
I Resistant to common fluids, lubricants and solvents
Temperature rating
Operating temperature range
–29°C to +80°C
–20°F to +176°F
Specifications/approvals
Industry
AAR Terminal Post
Printer information
Tyco Electronics printer
T308S* (thermal transfer)
Tyco Electronics ribbon
1330-0607-10* (thermal transfer)
*Alternative printers and ribbons are available for
special applications. Contact Tyco Electronics
Identification for more information.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl