Selected language     English  ▼


7-1201672-2 Datasheet(PDF) 11 Page - Tyco Electronics

Part No. 7-1201672-2
Description  RFID (Radio Frequency Identification)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 11 page
background image
174
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HLTM-FB/HXTM-FB Non-adhesive-backed polyolefin tags
Rail-Signal Products
HLTM1FBWE-312
Part numbering system
Hole diameter
Color
Product family
Tyco Electronics HLTM-FB/HXTM-FB is a semi-rigid, heavy gauge
crosslinked polyolefin material without an adhesive backing,
designed for use in a variety of applications including terminal post
and terminal board signal circuit identification. The heavy gauge
thickness is ideal for applications requiring exceptional durability.
Mark permanence exceeds military requirements. They are
resistant to common fluids, lubricants, solvents and abrasion. For
reliable print performance and durability, use with Tyco Electronics
approved printers and ribbons.
Features and benefits
I Specially formulated polyolefin material
I Flame retarded
I Resistant to common fluids, lubricants and solvents
I Dot matrix (HLTM-FB) or thermal transfer (HXTM-FB)
printable
I Print performance exceeds military standards
Temperature rating
Operating temperature range
HLTM-FB
–55°C to +135°C
–67°F to +275°F
HXTM-FB
–30°C to +105°C
–22°F to +221°F
Specifications/approvals
Tyco Electronics
TTDS-408 (HLTM)
Military
SAE AS81531 4.6.2
MIL-STD-202 Method 215J
Printer information
Tyco Electronics printer
HLTM-FB
AM6310* (dot matrix)
HXTM-FB
T312M (thermal transfer)
Tyco Electronics ribbon
HLTM-FB
1892BK04* (dot matrix)
HXTM-FB
1966-RIBBON (thermal transfer)
*Alternative printers and ribbons are available
for special applications. Contact Tyco
Electronics Identification for more information.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl