Selected language     English  ▼


7-1201672-2 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 7-1201672-2
Description  RFID (Radio Frequency Identification)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 4 page
background image
167
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Permark®
Permark
® 316
Tyco Electronics Permark
® 316 stainless steel markers are
recommended for marking in hostile environments. Using state-of-
the-art technology and no inks, the marking process produces a
permanent, deep surface mark with a darkened character in high
contrast to the background. Permark
® markers are produced to
individual customer requirements on a fast turn-around basis with
the flexible and easy-to-use Permark
® software that allows
electronic or manual data entry. Completed markers are supplied
in customer defined kits for ease of installation. We recommend
installation with 316 stainless steel cable ties.
Features and benefits
I Pre-marked to customer requirements
I Customer-defined kits for ease of installation
I Excellent character legibility
I One-piece, 316 stainless steel construction
I Variety of fixing methods
I Mark will endure the lifetime of a Permark® S/S marker
I Excellent resistance to weather extremes and high levels
of UV light
I Resistant to corrosive marine and industrial
atmospheres
I Excellent resistance to a variety of hydrocarbons
organic chemicals, acids, alkalis and inorganic salts
For resistance to a specific chemical, contact your
local Tyco Electronics representative
Temperature rating
Operating temperature range
–80°C to +500°C
–112°F to +932°F
Printer information
Pre-printed per customer requirements.
PM 0 7507- E Data
Part numbering system
Copy Type (Blank, E Data,
or Hard Data)
Tag height (mm)
Tag length (mm)
Filler character
Permark
®




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl