Selected language     English  ▼


7-1201672-2 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. 7-1201672-2
Description  RFID (Radio Frequency Identification)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 5 page
background image
168
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Permark
® 316
Permark®
Available sizes and formats
Ordering
Product
Size (L x H)
Printable area (L x H)
description
description
mm
inches
mm
inches
PM09512-Blank
Blank 316 S/S marker
95 x 12
3.74 x 0.47
55 x 10
2.16 x 0.40
*
PM09512-E Data
Pre-marked 316 S/S marker
95 x 12
3.74 x 0.47
55 x 10
2.16 x 0.40
** PM09512-Hard Data
Pre-marked 316 S/S marker
95 x 12
3.74 x 0.47
55 x 10
2.16 x 0.40
*
Data supplied electronically
**
Data supplied in hard copy
Options
Fonts
Various available
Lines per marker
One, two or three (Determined by selected font height. Minimum 1 mm / 0.04
" spacing between lines.)
Saddle fixings
13 mm L x 2.4 mm H
(0.51" L x 0.09" H)
Hole fixings
7 mm
(0.28")
Standard colors
Metallic
Font heights
Characters per line
Standard Condensed
2.5 mm
(0.10")
30
N/A
3.0 mm
(0.12")
25
N/A
4.0 mm
(0.16")
20
30
5.0 mm
(0.20")
15
25
6.0 mm
(0.24")
15
25
8.0 mm
(0.31")
10
20
10.0 mm
(0.40")
10
15
Available sizes and formats
Ordering
Product
Size (L x H)
Printable area (L x H)
description
description
mm
inches
mm
inches
PM07507- Blank
Blank 316 S/S marker
75 x 7
2.95 x 0.28
50 x 5
1.6 x 0.20
PM07507- E Data
Pre-marked 316 S/S marker
75 x 7
2.95 x 0.28
50 x 5
1.6 x 0.20
PM07507- Hard Data
Pre-marked 316 S/S marker
75 x 7
2.95 x 0.28
50 x 5
1.6 x 0.20
*
Data supplied electronically
**
Data supplied in hard copy
Options
Fonts
Various available
Lines per marker
One only
Saddle fixings
9.5 mm L x 2.4 mm H
(0.37" L x 0.09" H)
Hole fixings
None
Standard colors
Metallic
Font heights
Characters per line
Standard Condensed
4.0 mm
(0.16")
15
25
5.0 mm
(0.20")
10
20
Permark 316 Stainless Steel Cable Ties
All Weather Cable Ties
Package Quantity
Product Order Code
4.6 x 200 mm (
0.18” x 7.9”)
100
SST71-316
4.6 x 360 mm (
0.18” x 14.3”)
100
SST71-316




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl