Selected language     English  ▼


7-1201672-2 Datasheet(PDF) 6 Page - Tyco Electronics

Part No. 7-1201672-2
Description  RFID (Radio Frequency Identification)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 6 page
background image
169
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
AL-AN, ACR-400, POLY-A200 and POLY-A400
Laser Markable Labels
Specifications
AL-AN
Operating temperature range
–40°C to +120°C
–40°F to +302°F
Thickness:
Film: 0.076mm (
0.003 in.)
Adhesive: 0,05mm (
0.002 in.)
Liner: 62 lb Densified kraft
Tolerance: ±10%
Type of alloy: 1100
ACR-400 POLY
Operating temperature range
–50°C to +200°C
–58°F to +392°F
Thickness:
Film: 0.118mm (
0.004 in.)
Adhesive: 0,05mm (
0.002 in.)
Liner: Compressed paper, plastic coated,
dimensionally stable
Tolerance: ±10%
POLY-A200
Operating temperature range
–40°C to +125°C
–40°F to +257°F
Thickness:
Film: 0.066mm (
0.026 in.)
Adhesive: 0,026mm (
0.001 in.)
Liner: 78 lb semi-bleached clay coated
mando liner
Tolerance: ±10%
POLY-A400
Operating temperature range
–40°C to +125°C
–40°F to +257°F
Thickness:
Film: 0.109mm (
0.043 in.)
Adhesive: 0,026mm (
0.001 in.)
Liner: 78 lb semi-bleached clay coated
mando liner
Tolerance: ±10%
Recommended Marking System
Tyco Electronics LMS6000, LMS9000 or other approved Nd: YAG laser marking
systems
ANODIZED ALUMINUM – TTDS-131
DIE CUT SIZE
PART NUMBERS
Colors
0.50" x 0.50"
AL-AN-127127-0.50-0
Red
1.50" x 0.50"
AL-AN-381127-1.5-0
Blue
1.825" x 1.00"
AL-AN-381191-1.25-0
Black
1.50" x 0.750"
AL-AN-445191-1.25-0
Green
1.75" x 0.750"
AL-AN-464254-1-0
2.00" x 1.00"
AL-AN-508254-1-0
2.50" x 1.50"
AL-AN-635381-0.75-0
POLY A200 – TTDS-130
DIE CUT SIZE
PART NUMBERS
Colors
0.50" x 0.50"
POLY-A200-127127-0.50-0
Black
1.50" x 0.50"
POLY-A200-381127-1.5-0
1.825" x 1.00"
POLY-A200-381191-1.25-0
1.50" x 0.750"
POLY-A200-445191-1.25-0
1.75" x 0.750"
POLY-A200-464254-1-0
2.00" x 1.00"
POLY-A200-508254-1-0
2.50" x 1.50"
POLY-A200-635381-0.75-0
POLY A400 – TTDS-129
DIE CUT SIZE
PART NUMBERS
Colors
0.50" x 0.50"
POLY-A400-127127-0.50-9
Black
1.50" x0.50"
POLY-A400-381127-1.5-9
1.825" x 1.00"
POLY-A400-381191-1-25-9
1.50" x 0.750"
POLY-A400-445191-1.25-9
1.75" x 0.750"
POLY-A400-464254-1-9
2.00" x 1.00"
POLY-A400-508254-1-9
2.50" x 1.50"
POLY-A400-635381-0.75-9
ACR-400 Polyester – TTDS-139
DIE CUT SIZE
PART NUMBERS
Colors
0.50" x 0.50"
TYCO-ACR-127127-0.50-0
Black
1.50" x0 50"
TYCO-ACR-381127-1.5-0
1.825" x 1.00"
TYCO-ACR-381191-1-25-0
1.50" x 0.750"
TYCO-ACR-445191-1-25-0
1.75" x 0.750"
TYCO-ACR-464254-1-0
2.00" x 1.00"
TYCO-ACR-508254-1-0
2.50" x 1.50"
TYCO-ACR-635381-0.75-0
All labels listed above can be purchased in matte or gloss finishes.
Other materials can be optimized by Tyco Electronics.
Please contact your sales engineer.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl