Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6949YJ8R Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM6949YJ8R
Description  1M x 4 Bit Static Random Access Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6949YJ8R Datasheet(HTML) 1 Page - Motorola, Inc

  MCM6949YJ8R Datasheet HTML 1Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 2Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 3Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 4Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 5Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 6Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 7Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 8Page - Motorola, Inc MCM6949YJ8R Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MCM6949
1
MOTOROLA FAST SRAM
Advance Information
1M x 4 Bit Static Random
Access Memory
The MCM6949 is a 4,194,304 bit static random access memory organized as
1,048,576 words of 4 bits. Static design eliminates the need for external clocks
or timing strobes.
The MCM6949 is equipped with chip enable (E) and output enable (G) pins,
allowing for greater system flexibility and eliminating bus contention problems.
Either input, when high, will force the outputs into high–impedance.
The MCM6949 is available in a 400 mil, 32–lead surface–mount SOJ package.
• Single 3.3 V – 5%, + 10% Power Supply
• Fast Access Time: 8/10/12/15 ns
• Equal Address and Chip Enable Access Time
• All Inputs and Outputs are TTL Compatible
• Three–State Outputs
• Power Operation: 195/165/160/155 mA Maximum, Active AC
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by MCM6949/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM6949
A0 – A19
Address Inputs
. . . . . . . . . . . . . . . .
W
Write Enable
. . . . . . . . . . . . . . . . . . . . . . .
G
Output Enable
. . . . . . . . . . . . . . . . . . . . . .
E
Chip Enable
. . . . . . . . . . . . . . . . . . . . . . . . .
DQ
Data Input/Output
. . . . . . . . . . . . . . . . . .
NC
No Connection
. . . . . . . . . . . . . . . . . . . . .
VCC
+ 3.3 V Power Supply
. . . . . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . . . . .
PIN NAMES
YJ PACKAGE
400 MIL SOJ
CASE 857A–02
REV 4
4/2/98
© Motorola, Inc. 1998


Similar Part No. - MCM6949YJ8R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6946 MOTOROLA-MCM6946 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
MCM6946TS10 MOTOROLA-MCM6946TS10 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
MCM6946TS10R MOTOROLA-MCM6946TS10R Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
MCM6946TS12 MOTOROLA-MCM6946TS12 Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
MCM6946TS12R MOTOROLA-MCM6946TS12R Datasheet
172Kb / 11P
   512K x 9 Bit Fast Static Random Access Memory
More results

Similar Description - MCM6949YJ8R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6249 MOTOROLA-MCM6249 Datasheet
116Kb / 7P
   1M x4 Bit Static Random Access Memory
MCM6229BB MOTOROLA-MCM6229BB Datasheet
125Kb / 8P
   256K x 4 Bit Static Random Access Memory
MCM6229A MOTOROLA-MCM6229A Datasheet
363Kb / 6P
   256K X 4 BIT STATIC RANDOM ACCESS MEMORY
MCM6929A MOTOROLA-MCM6929A Datasheet
119Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729 MOTOROLA-MCM6729 Datasheet
145Kb / 8P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729B MOTOROLA-MCM6729B Datasheet
121Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729C MOTOROLA-MCM6729C Datasheet
111Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
MCM6729D MOTOROLA-MCM6729D Datasheet
117Kb / 7P
   256K x 4 Bit Fast Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com