Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69C232TQ20 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MCM69C232TQ20
Description  4K x 64 CAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69C232TQ20 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MCM69C232TQ20 Datasheet HTML 3Page - Motorola, Inc MCM69C232TQ20 Datasheet HTML 4Page - Motorola, Inc MCM69C232TQ20 Datasheet HTML 5Page - Motorola, Inc MCM69C232TQ20 Datasheet HTML 6Page - Motorola, Inc MCM69C232TQ20 Datasheet HTML 7Page - Motorola, Inc MCM69C232TQ20 Datasheet HTML 8Page - Motorola, Inc MCM69C232TQ20 Datasheet HTML 9Page - Motorola, Inc MCM69C232TQ20 Datasheet HTML 10Page - Motorola, Inc MCM69C232TQ20 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MCM69C232
7
MOTOROLA FAST SRAM
FUNCTIONAL DESCRIPTION
The MCM69C232 is a flexible content–addressable
memory (CAM) that can contain 4096 entries of 64 bits each.
The widths of the match field and the output field are pro-
grammable, and the match time is designed to be 160 ns. As
a result, the MCM69C232 is well suited for datacom ap-
plications such as Virtual Path Identifier/Virtual Circuit Identi-
fier (VPI/VCI) translation in ATM switches up to OC12
(622 Mbps) data rates and Media Access Control (MAC) ad-
dress lookup in Ethernet/Fast Ethernet bridges. The match
duty cycle of the MCM69C232 is determined by the user,
with a trade–off between the match cycle time and the num-
ber of entries added to/deleted from the CAM. With the mini-
mum required 40 ns of idle time between matches, a typical
value of 2440 insertions or deletions per second can be
made. See Figure 3 for a graph of the relationship between
insertion/deletion pairs and match cycle time.
In its basic operating mode, the MCM69C232 reads a data
input word and compares it to all the entries in its CAM table.
Whether a match is found or not, the MC pin is asserted after
the comparisons have been made. If a match is found, the
MS pin is asserted, and the data associated with the match-
ing entry is output on the MQ bus. If no match is found, the
MQ bus remains in a high impedance state to facilitate depth
expansion via the cascading of multiple CAMs.
Before the basic operating mode can be entered, however,
several start–up functions must be performed. First, the out-
put width and match width must be designated by setting the
global–mask register. Second, a choice must be made be-
tween buffered entry mode and fast entry mode. Next, the
match/output data pairs must be loaded into the table. De-
pending on the entry mode of choice, the table may have to
be initialized. Optionally, the “almost full” point may be set to
provide warning of impending table overflow.
The input bits to be compared are defined by the global–
mask register. The mask bits that are 0 correspond to the bits
that are used in the match operation.Typically, the bits that
are used in matching are the high order bits in the 64 bit CAM
table entries, and the bits that are used as outputs are the
low order bits. While any of the bits can be defined as match
bits, the low order 32 bits of an entry are always driven on the
MQ bus as output data.
The choice of entry mode is a trade–off between speed of
entry and latency before matching operations can begin. In a
typical application, the fast entry mode will be used to load
the initial values into the CAM table. Subsequently, the initial-
ize–table operation, which takes 12 ms, must be executed to
establish the required linkages and relationships among the
entries. After match operations have begun, the buffered
entry mode should be used to enter new values dynamically;
even one addition in fast entry mode will disable matching
until the table is reinitialized. Table insertions using the buff-
ered entry mode and the fast entry mode actually take the
same amount of time unless the entry queue is full. The
capacity of the queue is 12 entries.
After the entry mode choice is made, the table can be
loaded. Each 64 bit entry is constructed by writing a 16 bit
value to each of the four I/O registers in the MCM69C232.
The insertion can then be processed. After all the start–up
entries have been loaded into the CAM table, the initialization
operation is run if required. Normal matching operations can
then begin. A delete operation is provided to remove stale
data from the CAM table.
Several error codes are defined in the details of the
instruction set. When an error occurs, its corresponding code
is written into the error register and the error bit in the flag
register is set. The error bit is cleared and the error register is
set to FFFF16 by the next write to the operation register.
PROGRAMMING MODEL
Three types of registers are accessible through the
MCM69C232’s control port: I/O registers, an operation regis-
ter, and result/condition code registers. Each register is six-
teen bits in length.
ADDRESS
REGISTER NAME
BIT NUMBER
OFFSET
I/O REGISTER 0
0
I/O REGISTER 1
1
I/O REGISTER 2
2
I/O REGISTER 3
3
OPERATION REGISTER
4
FLAG REGISTER
5
ERROR CODE REGISTER
6
INTERRUPT REGISTER
7
15
0
FLAG BIT DEFINITIONS
Bit 0:
1 = At least one Interrupt enabled,
0 = No interrupts generated
Bit 1:
1 = Last control port match successful,
0 = Last match unsuccessful
Bit 2:
1 = Table initialized, 0 = Table not initialized
Bit 3:
1 = Buffered entry mode, 0 = Fast entry mode
Bit 4:
1 = Entry queue empty,
0 = Entry queue not empty
Bit 5:
1 = Entry queue full, 0 = Entry queue not full
Bit 6:
1 = CAM table full, 0 = CAM table not full
Bit 7:
1 = Error condition set, 0 = No error
Bit 8:
1 = Table almost full, 0 = Table not almost full
Bit 9:
1 = ATM mode, 0 = Standard mode
Bit 10: 1 = Last operation complete, 0 = Not yet complete


Similar Part No. - MCM69C232TQ20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69C233WD MOTOROLA-MCM69C233WD Datasheet
302Kb / 16P
   MPC8260 PowerQUICC II-TM to CAM Interfacing - MCM69C233
MCM69C233WP MOTOROLA-MCM69C233WP Datasheet
302Kb / 16P
   MPC8260 PowerQUICC II-TM to CAM Interfacing - MCM69C233
More results

Similar Description - MCM69C232TQ20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69C433 MOTOROLA-MCM69C433 Datasheet
420Kb / 24P
   16K x 64 CAM
MCM69C432 MOTOROLA-MCM69C432 Datasheet
246Kb / 20P
   16K x 64 CAM
logo
List of Unclassifed Man...
MU9C1480A ETC1-MU9C1480A Datasheet
248Kb / 28P
   The 1024 x 64-bit LANCAM facilitates numerous 1024 x 64-bit CMOS content-addressable memory (CAM)
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
MUSIC Semiconductors
MU9C4320L MUSIC-MU9C4320L Datasheet
447Kb / 32P
   4K x 32 Content Addressable Memory (CAM) with a 32-bit wide data interface
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Agere Systems
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
logo
Cypress Semiconductor
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com