Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4276SV Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # TLE4276SV
Description  Low-Drop Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4276SV Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  TLE4276SV Datasheet HTML 1Page - Siemens Semiconductor Group TLE4276SV Datasheet HTML 2Page - Siemens Semiconductor Group TLE4276SV Datasheet HTML 3Page - Siemens Semiconductor Group TLE4276SV Datasheet HTML 4Page - Siemens Semiconductor Group TLE4276SV Datasheet HTML 5Page - Siemens Semiconductor Group TLE4276SV Datasheet HTML 6Page - Siemens Semiconductor Group TLE4276SV Datasheet HTML 7Page - Siemens Semiconductor Group TLE4276SV Datasheet HTML 8Page - Siemens Semiconductor Group TLE4276SV Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TLE 4276
Semiconductor Group
2
1998-11-01
Functional Description
The TLE 4276 is a low-drop voltage regulator in a TO220 package. The IC regulates an
input voltage up to 40 V to
V
Qrated = 5.0 V (V50), 8.5 V (V85), 10 V (V10) and adjustable
voltage (V). The maximum output current is 400 mA. The IC can be switched off via the
inhibit input, which causes the current consumption to drop below 10
µA. The IC is short-
circuit-proof and incorporates temperature protection that disables it at over-tempera-
ture.
Dimensioning Information on External Components
The input capacitor
C
I is necessary for compensating line influences. Using a resistor of
approx. 1
Ω in series with C
I, the oscillating of input inductivity and input capacitance can
be damped. The output capacitor
C
Q is necessary for the stability of the regulation circuit.
Stability is guaranteed at values
C
Q ≥ 22 µF and an ESR of ≤ 3 Ω within the operating
temperature range.
Circuit Description
The control amplifier compares a reference voltage to a voltage that is proportional to the
output voltage and drives the base of the series transistor via a buffer. Saturation control
as a function of the load current prevents any oversaturation of the power element. The
IC also incorporates a number of internal circuits for protection against:
• Overload
• Overtemperature
• Reverse polarity


Similar Part No. - TLE4276SV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4276SV INFINEON-TLE4276SV Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4276SV INFINEON-TLE4276SV Datasheet
288Kb / 20P
   Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
TLE4276SV10 INFINEON-TLE4276SV10 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4276SV50 INFINEON-TLE4276SV50 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4276SV50 INFINEON-TLE4276SV50 Datasheet
288Kb / 20P
   Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
More results

Similar Description - TLE4276SV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
   Low drop voltage regulator
September 2013 Rev 9
logo
Infineon Technologies A...
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com