Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5216G Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # TLE5216G
Description  Smart Quad Channel Low-Side Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5216G Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TLE5216G Datasheet HTML 1Page - Siemens Semiconductor Group TLE5216G Datasheet HTML 2Page - Siemens Semiconductor Group TLE5216G Datasheet HTML 3Page - Siemens Semiconductor Group TLE5216G Datasheet HTML 4Page - Siemens Semiconductor Group TLE5216G Datasheet HTML 5Page - Siemens Semiconductor Group TLE5216G Datasheet HTML 6Page - Siemens Semiconductor Group TLE5216G Datasheet HTML 7Page - Siemens Semiconductor Group TLE5216G Datasheet HTML 8Page - Siemens Semiconductor Group TLE5216G Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TLE 5216 G
Semiconductor Group
5
1998-06-22
Application Description
This IC is specially designed to drive inductive loads up to 2 A nominal current (valves,
relays, etc.). Integrated clamp-diodes limit the output voltage when inductive loads are
turned off.
For the detection of errors at the load there is a serial diagnostic interface, which
monitors the following errors for every output separately:
– open load in inactive mode
– shorted output (shorted to ground) in inactive mode
– overload or shorted load in active mode
Circuit Description
The block diagram shows the four independent power drivers with the referring logic
block and the serial diagnostic interface which stores and transfers the diagnostic
signals to the external circuit. Each power switch connects a high side load to ground
when a LOW signal applies at the inputs. To protect the IC against short circuit and over
load each output is provided with a current limitation and a delayed overload shutdown.
The slew rate of the switching process is limited internally.
The integrated clamp diodes limit the voltage at the output to
V
DS(AZ), when inductive
loads are switched off. The maximum power dissipation, which is given from the static
and dynamic thermal resistance, limits the allowable inductive energy. A diode in parallel
to every output clamps negative voltage.
All outputs, preferably the outputs 1 and 2 and the outputs 3 and 4 may be used in
parallel (no addition of max. freewheeling energy).
A curve of the output voltage is shown in figure 6.
The diagnostic block monitors the voltages across the power switch. If in active mode
(LOW level input) there is a higher voltage than
V
DS(OV) for a time longer than tVDS(OV), the
diagnostic block will show an overload in the error register and the affected power switch
will be shut off. The switch can only be reactivated if the corresponding input is switched
off and then on again.
In inactive mode (HIGH level at input) open load or shorted output (shorted load to
ground) is detected and signalled to the serial diagnostic interface. If the voltage across
the power switch is lower than
V
DS(OL) for the time tVDS(OL) (min. 50 µs) open load is
identified. If the voltage is even lower than
V
DS(SH) for the time tVDS(SH) (min. 30 µs)
"shorted to ground" is detected. An internal voltage divider will pull the output to the
voltage
V
DS if there is an open load.
A new error on the same output stage will over-write the old error report. The protocol of
the serial diagnostic interface includes independent error reports for each output driver.
As soon as an error is latched into the error register the serial data output (SEROUT) of
the interface will go LOW (while CS is still HIGH). If the chip select gets a LOW signal


Similar Part No. - TLE5216G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE5203 SIEMENS-TLE5203 Datasheet
161Kb / 18P
   3-A DC Motor Driver
TLE5203G SIEMENS-TLE5203G Datasheet
161Kb / 18P
   3-A DC Motor Driver
TLE5204 SIEMENS-TLE5204 Datasheet
147Kb / 15P
   3-A DC Motor Driver
TLE5204G SIEMENS-TLE5204G Datasheet
147Kb / 15P
   3-A DC Motor Driver
logo
Infineon Technologies A...
TLE5205-2 INFINEON-TLE5205-2 Datasheet
214Kb / 23P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
More results

Similar Description - TLE5216G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6216G INFINEON-TLE6216G Datasheet
267Kb / 17P
   Smart Quad Channel Low-Side Switch
V7.1 18.10.02
TLE6228GP INFINEON-TLE6228GP_10 Datasheet
1Mb / 19P
   Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
TLE6217G INFINEON-TLE6217G Datasheet
207Kb / 20P
   Smart Quad Channel Low-Side Switch
V5 30. 07. 2002
TLE6217G INFINEON-TLE6217G_08 Datasheet
391Kb / 19P
   Smart Quad Channel Low-Side Switch
Rev. 6.1, 2008-04
TLE6228GP INFINEON-TLE6228GP Datasheet
753Kb / 18P
   Smart Quad Channel Low-Side Switch?
V3.1 26. Aug. 2002 1
logo
Siemens Semiconductor G...
TLE5226G SIEMENS-TLE5226G Datasheet
196Kb / 13P
   Smart Quad Channel Low-Side Switch
logo
Infineon Technologies A...
TLE6228 INFINEON-TLE6228_10 Datasheet
1Mb / 19P
   Smart Quad Channel Low-Side Switch
V4.1 2010-07-10
Q67006-A9315 INFINEON-Q67006-A9315 Datasheet
740Kb / 17P
   Smart Quad Low-Side Switch
V1.1 26.Aug. 2002
TLE6220GP INFINEON-TLE6220GP Datasheet
739Kb / 17P
   Smart Quad Low-Side Switch???
V1.1 26.Aug. 2002
TLE6220GP INFINEON-TLE6220GP_09 Datasheet
378Kb / 19P
   Smart Quad Low-Side Switch
V2.2 2009-11-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com