Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62705-K403 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # Q62705-K403
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62705-K403 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button Q62705-K403 Datasheet HTML 3Page - Siemens Semiconductor Group Q62705-K403 Datasheet HTML 4Page - Siemens Semiconductor Group Q62705-K403 Datasheet HTML 5Page - Siemens Semiconductor Group Q62705-K403 Datasheet HTML 6Page - Siemens Semiconductor Group Q62705-K403 Datasheet HTML 7Page - Siemens Semiconductor Group Q62705-K403 Datasheet HTML 8Page - Siemens Semiconductor Group Q62705-K403 Datasheet HTML 9Page - Siemens Semiconductor Group Q62705-K403 Datasheet HTML 10Page - Siemens Semiconductor Group Q62705-K403 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TLE 4905 G; TLE 4935 G
TLE 4935-2 G; TLE 4945-2 G
Semiconductor Group
7
1998-04-29
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
j = 25 °C and
the given supply voltage.
Note: Moderate changes may occur during the development process or customer
discussion.
AC/DC Characteristics
4.0 V
V
S ≤ 18 V; – 40 °C ≤ Tj ≤ 125 °C
Parameter
Symbol
Limit Values
Unit Test Condition
Test
Circuit
min.
typ.
max.
Supply current
I
SHigh
I
SLow
2.5
3.5
7
8
mA
mA
B < B
RP
B > B
OP
I
Q = 40 mA
1
1
Output saturation
voltage
V
QSat
0.25
0.5
V
I
Q = 40 mA
1
Output leakage
current
I
QL
––10
µA
V
Q = 18 V
1
Rise/fall time
t
r / tf
––1
µs
R
L = 1.2 kΩ
C
L ≤ 33 pF
1


Similar Part No. - Q62705-K403

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q62705-K403 INFINEON-Q62705-K403 Datasheet
84Kb / 13P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
2000-07-01
Q62705-K403 INFINEON-Q62705-K403 Datasheet
442Kb / 17P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
V1.3, Dec 2007
More results

Similar Description - Q62705-K403

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4905L SIEMENS-TLE4905L Datasheet
264Kb / 15P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
logo
Infineon Technologies A...
TLE4905L INFINEON-TLE4905L Datasheet
99Kb / 15P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
2000-07-01
TLE4905G INFINEON-TLE4905G Datasheet
84Kb / 13P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
2000-07-01
TLE4945LHALA1 INFINEON-TLE4945LHALA1 Datasheet
507Kb / 20P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
V1.5, Nov. 2007
TLE4905L INFINEON-TLE4905L_07 Datasheet
507Kb / 20P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
V1.5, Nov. 2007
TLE4905G INFINEON-TLE4905G_07 Datasheet
442Kb / 17P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
V1.3, Dec 2007
logo
Panasonic Semiconductor
DN6849UBS PANASONIC-DN6849UBS Datasheet
48Kb / 6P
   Hall IC for alternative magnetic field
DN8899UAS PANASONIC-DN8899UAS Datasheet
45Kb / 6P
   Hall IC for alternative magnetic field SOH-4D type
logo
Sharp Corporation
LT230A SHARP-LT230A Datasheet
22Kb / 2P
   GaAs Hall IC for Noncontact Switch (Unidirestional magnetic field-type)
LT253A SHARP-LT253A Datasheet
23Kb / 2P
   GaAs Hall IC for Noncontact Swich(Unidirectional magnetic field-type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com