Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D221K20Y5PL6.J5. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # D221K20Y5PL6.J5.
Description  D Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D221K20Y5PL6.J5. Datasheet(HTML) 2 Page - Vishay Siliconix

  D221K20Y5PL6.J5. Datasheet HTML 1Page - Vishay Siliconix D221K20Y5PL6.J5. Datasheet HTML 2Page - Vishay Siliconix D221K20Y5PL6.J5. Datasheet HTML 3Page - Vishay Siliconix D221K20Y5PL6.J5. Datasheet HTML 4Page - Vishay Siliconix D221K20Y5PL6.J5. Datasheet HTML 5Page - Vishay Siliconix D221K20Y5PL6.J5. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 28513
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
41
D Series
Ceramic Disc Capacitors
Class 1 and 2, 500 VDC, General Purpose
Vishay BCcomponents
Notes
(1) SH = seated height
• Maximum thickness 4.0 mm
• Lead style codes refer to inward kinked leads. Other styles available on request
ORDERING INFORMATION (PREFERED TYPES), CLASS 1, 500 VDC, KINKED
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 1 NP0
10
± 5
5.0
5.0
4.0
D100J20C0GL6.J5.
12
D120J20C0GL6.J5.
15
D150J20C0GL6.J5.
18
6.5
D180J25C0GL6.J5.
22
D220J25C0GL6.J5.
27
D270J25C0GL6.J5.
CLASS 1 SL0
33
± 5
5.0
5.0
4.0
D330J20SL0L6.J5.
39
D390J20SL0L6.J5.
47
D470J20SL0L6.J5.
56
D560J20SL0L6.J5.
68
6.5
D680J25SL0L6.J5.
82
D820J25SL0L6.J5.
ORDERING INFORMATION (PREFERED TYPES), CLASS 2, 500 VDC, KINKED
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 2 Y5P
100
± 10
5
5
4.0
D101K20Y5PL6.J5.
150
D151K20Y5PL6.J5.
220
D221K20Y5PL6.J5.
330
D331K20Y5PL6.J5.
470
D471K20Y5PL6.J5.
680
6.5
D681K25Y5PL6.J5.
1000
D102K25Y5PL6.J5.
1500
7.5
D152K29Y5PL6.J5.
2200
8.5
D222K33Y5PL6.J5.
3300
10
D332K39Y5PL6.J5.
4700
11
D472K43Y5PL6.J5.
6800
13.5
7.5
D682K53Y5PL6.J7
10 000
17.5
D103K69Y5PL6.J7.
CLASS 2 Y5V
1000
+ 80/- 20
5
5
4.0
D102Z20Y5VL6.J5.
1500
D152Z20Y5VL6.J5.
2200
6.5
D222Z25Y5VL6.J5.
3300
D322Z25Y5VL6.J5.
4700
7.5
D472Z29Y5VL6.J5.
6800
8.5
D682Z33Y5VL6.J5.
10 000
10.0
D103Z39Y5VL6.J5.
15 000
11.0
D153Z43Y5VL6.J5.
22 000
13.5
7.5
D223Z53Y5VL6.J7.


Similar Part No. - D221K20Y5PL6.J5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D221K20Y5PF6.J5R VISHAY-D221K20Y5PF6.J5R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D221K20Y5PF6.L2R VISHAY-D221K20Y5PF6.L2R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D221K20Y5PH6.J5R VISHAY-D221K20Y5PH6.J5R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
D221K20Y5PH6.J5R VISHAY-D221K20Y5PH6.J5R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D221K20Y5PH6.L2R VISHAY-D221K20Y5PH6.L2R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
More results

Similar Description - D221K20Y5PL6.J5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D109C20C0KH6.J5R VISHAY-D109C20C0KH6.J5R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
logo
ITT Industries
053515-1145 ITT-053515-1145 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed Combo D Series: D-Subminiature offering mixed
logo
Ohmite Mfg. Co.
DV-T263-101E OHMITE-DV-T263-101E Datasheet
104Kb / 1P
   D Series Heatsinks
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
DSERIENT VISHAY-DSERIENT Datasheet
321Kb / 6P
   D Series Narrow Tolerance
Revision: 07-Jan-10
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
logo
Shenzhen SI Semiconduct...
BLD123D SISEMIC-BLD123D Datasheet
416Kb / 6P
   NPN D SERIES TRANSISTORS
logo
Switchcraft, Inc.
CAPFD SWITCH-CAPFD Datasheet
97Kb / 1P
   D SERIES FEMALE CAP
10-13-14
logo
Vishay Siliconix
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com