Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB8160 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDB8160
Description  N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB8160 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDB8160 Datasheet HTML 1Page - Fairchild Semiconductor FDB8160 Datasheet HTML 2Page - Fairchild Semiconductor FDB8160 Datasheet HTML 3Page - Fairchild Semiconductor FDB8160 Datasheet HTML 4Page - Fairchild Semiconductor FDB8160 Datasheet HTML 5Page - Fairchild Semiconductor FDB8160 Datasheet HTML 6Page - Fairchild Semiconductor FDB8160 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 2010
©2010 Fairchild Semiconductor Corporation
FDB8160_F085 Rev. C
www.fairchildsemi.com
1
FDB8160_F085
N-Channel PowerTrench® MOSFET
30V, 80A, 1.8m
Ω
Features
Typ rDS(on) = 1.5mΩ at VGS = 10V, ID = 80A
Typ Qg(10) = 187nC at VGS = 10V
Low Miller Charge
Low Qrr Body Diode
UIS Capability (Single Pulse and Repetitive Pulse)
Applications
12V Automotive Load Control
Starter/Alternator Systems
Electronic Power Steering Systems
DC/DC converter
TO-263AB
FDB SERIES
Qualified to AEC Q101
RoHS Compliant


Similar Part No. - FDB8160

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB8160 ISC-FDB8160 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDB8160_F085 FAIRCHILD-FDB8160_F085 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDB8160

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB8132 FAIRCHILD-FDB8132 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.6m廓
FDB8832 FAIRCHILD-FDB8832_10 Datasheet
404Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.1m廓
FDB8441 FAIRCHILD-FDB8441_10 Datasheet
462Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.5m廓
FDB8442 FAIRCHILD-FDB8442_10 Datasheet
457Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.9m廓
FDI038AN06A0 FAIRCHILD-FDI038AN06A0_10 Datasheet
338Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m廓
FDB035AN06_F085 FAIRCHILD-FDB035AN06_F085 Datasheet
287Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
logo
ON Semiconductor
FDB8443-F085 ONSEMI-FDB8443-F085 Datasheet
549Kb / 8P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.0m廓
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDB070AN06_F085 FAIRCHILD-FDB070AN06_F085 Datasheet
731Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 7m廓
FDI8441 FAIRCHILD-FDI8441_10 Datasheet
488Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.7m廓
FDB035AN06A0 FAIRCHILD-FDB035AN06A0_12 Datasheet
287Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com